PART |
Description |
Maker |
UPD42S16100LLA-A80 UPD42S16100LG3-A80-7JD UPD42S17 |
18-Mbit (512K x 36/1M x 18) Pipelined SRAM 18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM 9-Mbit (256K x 32) Pipelined DCD Sync SRAM 9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM 18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM x1 Fast Page Mode DRAM x1快速页面模式的DRAM
|
TOKO, Inc. EPCOS AG
|
CY7C1461AV33-100AXC CY7C1463AV33-100AXC CY7C1461AV |
36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL垄芒 Architecture 36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL Architecture(带NoBL结构6-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM) 36兆位米x 36 / 2 M中的x 18/512K × 72)流体系结构,通过与总线延迟(带总线延迟结构的的36 - Mbit通过的SRAM100万x 36 / 2 M中的x 18/512K × 72)流的SRAM
|
Cypress Semiconductor Corp.
|
AT27C800 |
8-Megabit 512K x 16 or 1024K x 8 UV Erasable EPROM
|
Atmel
|
IDT70P3337S233RM IDT70P3337S233RMI IDT70P3337S250R |
1024K/512K x18 SYNCHRONOUS DUAL QDR-II
|
Integrated Device Technology
|
MX29F800CTTI70G MX29F800CBXEI70G MX29F800CTXEI70G |
8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
|
Macronix International
|
IS61LF102418A-6.5B2 IS61LF102418A-6.5B2I IS61LF102 |
256K X 72, 512K X 36, 1024K X 18 18MB SYNCHRONOUS FLOW-THROUGH STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
CY7C1363B-133AJC CY7C1363B-133AJI CY7C1363B-133AI |
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 7.5 ns, PQFP100 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 512K X 18 CACHE SRAM, 6.5 ns, PQFP100 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 8.5 ns, PBGA119 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 8.5 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 512K X 18 CACHE SRAM, 7.5 ns, PBGA119 CONNECTOR ACCESSORY
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
CY7C1386DV25-250BZXI CY7C1386DV25-250BZI CY7C1386D |
18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM 1M X 18 CACHE SRAM, 3.4 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM 1M X 18 CACHE SRAM, 3 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM 1M X 18 CACHE SRAM, 3.4 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM 18兆位(为512k × 36/1M × 18)流水线双氰胺同步静态存储器 18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM 512K X 36 CACHE SRAM, 2.6 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM 512K X 36 CACHE SRAM, 3.4 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM 1M X 18 CACHE SRAM, 2.6 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM 512K X 36 CACHE SRAM, 3 ns, PBGA119
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
A28F400BX-B |
4-MBIT (512K x8) Boot Block Flash Memory(4兆位(512K x8) 引导块闪速存储器)
|
Intel Corp.
|
CY7C1049CV33-15VXE |
4 Mbit (512K x 8) Static RAM; Density: 4 Mb; Organization: 512Kb x 8; Vcc (V): 3.0 to 3.6 V; 512K X 8 STANDARD SRAM, 15 ns, PDSO36
|
Cypress Semiconductor, Corp.
|