PART |
Description |
Maker |
B2001RU B2012RU B2014RU B2015RU B2017RU B2011RU B2 |
4:1 Input Range, 20W Single & Dual Output DC/DC Con vert ers B2000RU SERIES
|
MicroPower Direct, LLC
|
MHI100DI5.7 MHI115S-12DI5.7 MHI115S-03DI5.7 MHI115 |
High Isolation, 1W SIP Single & Dual Output DC/DC Converters High Isolation, 1W SIP Single & Dual Output DC/DC Converters High Isolation, 1W SIP Single & Dual Output DC/DC Con vert ers
|
MicroPower Direct, LLC
|
RP30-242.5SE RP30-241.8SE RP30-122.5SE RP30-121.8S |
Intelligent Power Modules (IPM) CIPOS™; Package: PG-MSIP-20; 20 Watt Single & Dual Output 20瓦单 20 Watt Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC10-243.3SRW REC10-123.3SRW REC10-123.3SRWZ REC1 |
10 Watt 1?x 2?Single & Dual Output 10 Watt 1” x 2” Single & Dual Output 10 Watt 1x 2Single & Dual Output 10 Watt 1x 2Single & Dual Output 10瓦特1“2”单 10 Watt 1??x 2??Single & Dual Output
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
RP15-4815SEW RP15-2405DEW RP15-2405SEW RP15-2412DE |
15 Watt Single & Dual Output 15瓦单 15 Watt Single & Dual Output
|
RECOM Electronic GmbH RECOM[Recom International Power]
|
RP30-483.3SEW RP30-2405SEW RP30-241.5SEW RP30-241. |
30 Watt Single & Dual Output 30瓦单 30 Watt Single & Dual Output
|
RECOM Power Inc. RECOM Electronic GmbH RECOM[Recom International Power]
|
MAX450807 MAX4508ESE MAX4508EPE MAX4508CPE MAX4508 |
Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers with Output Clamps DUAL 4-CHANNEL, SGL ENDED MULTIPLEXER, PDIP16 Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
|
Maxim Integrated Products, Inc.
|
RP-93.3S RP RP-0505D RP-0505S RP-0509D RP-0509S RP |
CAP Tantalum-Wet Miniature 6V 75.0 uF /-20% Silver can Axial , TPC - Hilton 1瓦特SIP7 SIP7 TV 29C 29#16 SKT WALL RECP 1瓦特SIP7 SIP7 1 Watt SIP7 SIP7 Single & Dual Output 1瓦特SIP7 SIP7 1 Watt SIP7 SIP7 Single & Dual Output
|
RECOM Electronic GmbH http:// RECOM Power Inc. RECOM[Recom International Power]
|
RY-0515SCP RY-0512SCP RY-0505SCP RY-2415SCP RY-050 |
ELECTRICAL OUTLET CONNECTOR RoHS Compliant: Yes 1瓦特SIP7 LOCKING MALE PLUG NEMA L6-15P RoHS Compliant: Yes 1瓦特SIP7 1 Watt SIP7 Single & Dual Output 1瓦特SIP7 CAP CER 680PF 25V 0402 LOW DIST 1 Watt SIP7 Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RP10-123.3SE06 RP10-1205SEM2 RP10-1205SEN RP10-120 |
10 Watt 2x 1Package Single & Dual Output 10 Watt 2?x 1?Package Single & Dual Output 10 Watt 2” x 1” Package Single & Dual Output
|
RECOM Power Inc. RECOM[Recom International Power]
|
REC3-123.3SRW_H4 REC3-123.3SRW_H6 REC3-123.3SRWH4 |
3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Replaced by UCC3817 : High Efficiency, High Power Factor Preregulator 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(5.0V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Power Factor Preregualtor 16-TSSOP 0 to 70 Single Output LDO, 3.0A, Adj.(1.22 to 8.5V), Reverse Current Protection, Thermal Shutdown 5-DDPAK/TO-263 0 to 70 Single Output LDO, 500mA, Adj.(15 to 1.25V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
Electronic Theatre Controls, Inc. RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|