PART |
Description |
Maker |
EFM32ZG222F4-QFP48 |
Updated specifications based on the results of additional silicon characterization.
|
Silicon Laboratories
|
AT90SC9608RC |
AT90SC9608RC Summary [Updated 1/03. 4 Pages] AT90SC9608RC摘要[更新1 / 034页] Secure Microcontroller for Smart Cards
|
SIEMENS AG ATMEL[ATMEL Corporation]
|
AT90SC9616RC |
AT90SC9616RC Preliminary Summary [Updated 1/03. 4 Pages] This document gives the key features. a brief description and a block diagram. The Complete SECURE MICROCONTROLLER FOR SMART CARDS
|
ATMEL Corporation
|
EFM32TG840F32-QFN64 EFM32TG232F8-QFP64 EFM32TG110F |
Updated specifications based on the results of additional silicon characterization.
|
Silicon Laboratories
|
AT24C32SC |
AT24C32SC/64SC [Updated 10/00. 12 Pages] 2-wire. 32K and 64K Serial EEPROM From old datasheet system 2-wire, 32K and 64K Serial EEPROM
|
Atmel corp
|
ATC35 |
ATC35 Summary [Updated 1/03. 14 Pages] The ATC35 Cell-based ASIC (CBIC) family features a comprehensive library of 0.35-micron standard logic and I/O A comprehensive library of 0.35-micron standard logic and I/O cells designed to operate with a supply voltage of 3.3V /- 0.3V
|
ATMEL Corporation
|
AT49LV1614AT AT49BV1614AT-90TI AT49BV1614A-90TI AT |
AT49BV1604A(T)/AT49BV/LV1614A(T) [Updated 3/02. 26 Pages] 16M bit . 2.7-Volt(BV)/ 3.0 - Volt (LV). Sectored Flash. Dual Plane. Top or Bottom Boot 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 16兆位100万x 16/2M × 8 3伏,只有闪存
|
Atmel Corp. Atmel, Corp.
|
ATF750C ATF750CL |
ATF750C(L) [Updated 3/01. 16 Pages] 20 FFs. 10 I/O Pins. standard & low power ATF750C(长)[更新3日16页] 20农民田间学校10 I / O引脚。标 From old datasheet system 20 FFs, 10 I/O Pins, standard & low power
|
Atmel Corp
|
AT90SC4816RS |
AT90SC4816RS Summary [Updated 06/03. 2 Pages] Summary of the AT90SC4816RS giving the key features. a brief description and a block diagram. Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM. Security Features: MMU, MED, OTP (One Time Programmable) EEPROM area, RNG (random Number Generator), "out of bounds" detectors, side chann
|
Atmel
|
AT88SC6416C |
AT88SC6416C Summary [Updated 4/03. 14 Pages] 64-Kbit User Memory with Authentication and Encryption. This is a summary document. A complete document 64-Kbit User Memory with Authentication and Encryption. This is a summary document. A complete document is available under NDA. For more information, please contact your local sales office.
|
Atmel
|
AT75C140 |
AT75C140 Advance Information [Updated . 18 Pages] This Smart Internet Appliance Processor is a high-performance processor specially designed Smart Internet Appliance Processor (SIAP-TM) This Smart Internet Appliance Processor is a high-performance processor specially designed for network-enabling consumer and industrial applications. The specific architecture of this device delivers unmatched performance for low power con
|
ATMEL[ATMEL Corporation]
|
ATR0807 ATR0807-TCQ ATR0807-PEQ |
ATR0807 [Updated 7/03. 8 Pages] 3-channel laser driver with RF oscillator and two outputs 3-channel laser driver with RF oscillator and 2outputs Three channel laser driver with RF oscillator and two outputs.
|
ATMEL Corporation Atmel Corp.
|