PART |
Description |
Maker |
SBL52214Z SBL52214G SBL52214N |
Low Power BIDI Optical Standard Module 1310 nm Emitting, 1310 nm Receiving 低功率比迪光学标准模1310纳米发光,纳米接1310
|
INFINEON[Infineon Technologies AG]
|
7134LA35JI |
MEMORY DUAL PORT SRAM (MICROCIRCUIT -DIG 4K X 8 DUAL-PORT SRAM, 35 ns, PQCC52
|
Integrated Device Technology, Inc.
|
V23870-A1131-B600 V23870-A3132-K600 V23870-A1131-A |
Components and FTTx solutions - 1310 nm Tx / 1550 nm Rx; pigtail Components and FTTx solutions - 1310 nm Tx / 1550 nm Rx, ext. Temp. Range; pigtail Bi-Directional Pigtail SFF Transceiver 155 Mbit/s/ 1310 nm Tx / 1550 nm Rx TRANS PREBIASED NPN 200MW SOT23 TRANS PREBIASED NPN 200MW SOT323 Metalized Polyester Film Radial Lead Capacitor; Capacitance: .22uF; Voltage: 630V; Case Size: 18.5x14.8 mm; Packaging: Bulk Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx 双向收发器尾纤准系统155兆比秒,1310纳米发射/接收1550纳米 TRANS PREBIASED NPN 150MW SOT523 双向收发器尾纤准系统155兆比秒,1310纳米发射/接收1550纳米 TRANS PREBIASED NPN SOT323 双向收发器尾纤准系统155兆比秒,1310纳米发射/接收1550纳米 DIODE ZENER SINGLE 500mW 9.7Vz 20mA-Izt 0.0254 0.1uA-Ir 8 SOD-123 3K/REEL 双向收发器尾纤准系统155兆比秒,1310纳米发射/接收1550纳米
|
INFINEON[Infineon Technologies AG] http:// Infineon Technologies A...
|
LDST0155B LDFC0155B LDFC0052C |
FIBER OPTIC RECEIVER, 1310-1550nm, 155Mbps, THROUGH HOLE MOUNT, DIP, ST CONNECTOR FIBER OPTIC RECEIVER, 1310-1550nm, 155Mbps, PANEL MOUNT, DIP, FC CONNECTOR FIBER OPTIC RECEIVER, 1310-1550nm, 52Mbps, PANEL MOUNT, DIP, FC CONNECTOR
|
LASER DIODE INC
|
LB-CMSF |
1310 nm FP diode chip
|
AXT, Inc.
|
BTR-7620-SPG BTR-7620A-SPG BTR-7620ACG BTR-7620AG |
1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver 1310纳米德克萨斯 1550纳米收发.3 / 1.25 Gb / s的符RoHS单光纤收发器 1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver 1310纳米德克萨斯 1550纳米收发.3 / 1.25 Gb / s的符合RoHS单光纤收发器
|
Optoway Technology Inc. Optoway Technology, Inc.
|
DL-310007 |
1310 nm DFB LASER DIODES
|
Optoway Technology Inc
|
AMT8210 AMT8210T46L4 AMT8210T46L5 |
1.25 Gb/s 1310/1550nm PIN-TIA
|
ANADIGICS[ANADIGICS, Inc]
|
TRX10GDP0301 |
10Gbit/s XFP LR, 1310 nm Transceiver
|
FCI connector
|
BTR-5840-SPG BTR-5840G |
1310 nm TX / 1490 nm RX , 3.3V / 155 Mbps
|
Optoway Technology Inc.
|
SPS-2120AG SPS-2120BG SPS-2120G |
10.3 Gb/s / 20 km / 1310 nm SFP LC SINGLE-MODE TRANSCEIVER
|
Optoway Technology Inc
|