PART |
Description |
Maker |
ATV30C100J-G ATV30C100JB-G ATV30C101J-G ATV30C101J |
Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=120V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=13V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=130V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=400V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=40V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=20V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=85V, Tolerance=5%
|
Comchip Technology
|
1.5KE350 1.5KE7.5 1.5KE100 1.5KE400 1N6300 15KE 1. |
160 V, 1500 W, glass passivated junction transient voltage suppressor GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 玻璃钝化结瞬态电压抑制器 16-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 48-TSSOP -40 to 85 220 V, 1 mA, glass passivated junction transient voltage suppressor GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
|
TRANSYS Electronics Limited Transys Electronics, Ltd. Transys Electronics Ltd. TRSYS http:// List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
5KP58CA-G 5KP80A-G 5KP80CA-G 5KP350A-G 5KP350CA-G |
Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=80V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=350V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=250V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=14V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=48V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=26V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=19V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=64V, Tolerance=5%
|
Comchip Technology
|
P6KE20A P6KE7.5 P6KE7.5A P6KE200A P6KE300 P6KE440A |
Transient Voltage Suppressors TRANSIENT VOLTAGE SUPPRESSOR 瞬态电压抑制器 16-Bit Registered Transceivers with 3-State Outputs 56-SSOP -40 to 85 瞬态电压抑制器 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 瞬态电压抑制器 Wireless 27MHz Dual receiver 28-TSSOP -40 to 85 TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W
|
Fairchild Semiconductor Shanghai Sunrise Electronics Co., LTD. SSE[Shanghai Sunrise Electronics]
|
SMF15AT1G SZSMF15AT1G 0W888-002-XTP SMF5.0AG SMF5. |
200 W Transient Voltage Suppressor SOD-123 Flat Lead Package High-Performance Programmable Audio Processing System 200W Transient Voltage Suppressor
|
ON Semiconductor
|
ESD5B5.0ST1G |
Transient Voltage Suppressor(瞬变电压抑制 Transient Voltage Suppressor Bi-directional Micro-Packaged Diode for ESD Protection
|
ON Semiconductor
|
SM15T7V5A SM15T30A SM15T36A SM15T39A SM15T200A SM1 |
TRANSILTM TRANSZORBSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩表面贴装瞬态电压抑制器 TRANSZORB SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB?/a> SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB?SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
ST Microelectronics GE Security, Inc. GE[General Semiconductor]
|
5KP10 5KP100 5KP10A 5KP100A 5KP36 5KP8.5A 5KP30 5K |
TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:50-110V PEAK PULSE POWER: 5000W TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,000.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
|
Shanghai Sunrise Electronics GE Security, Inc. General Semiconductor
|
TVP04A100CA-G TVP04A101A-G TVP04A101CA-G TVP04A110 |
Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=8.6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=85.5V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=85.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=110Watts, V-RWM=9.4V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=94V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=10.2V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=10.2V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=94V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=11.1V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=111V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=111V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=12.8V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=12.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=13.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=13.6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=8.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=9.4V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=102V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=11.1V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=128V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=128V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=136V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=136V, Tolerance=5%
|
Comchip Technology
|
CTCN0812V-G CTCN0824V-G CTCN083V3-G CTCN085V0-G CT |
Transient Voltage Suppressor (TVS) Array, V-C=20V, V-PV=16kV, I-PP=12A Transient Voltage Suppressor (TVS) Array, V-C=43V, V-PV=16kV, I-PP=5A Transient Voltage Suppressor (TVS) Array, V-C=8V, V-PV=16kV, I-PP=17A Transient Voltage Suppressor (TVS) Array, V-C=10V, V-PV=16kV, I-PP=17A
|
Comchip Technology
|
SA43 SA22 SA45A SA40A SA10 SA45 SA14 SA18 SA26 SA3 |
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 1/4 JACK PHONE MONO OPEN W/SWITCH 1 CONDUCTOR RES 3.4K OHM 1/10W .5% 0805 SMD /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount /Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor TP Series Rocker Switch, 4 pole, 3 position, Screw terminal, Flush Panel Mounting SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,600.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器
|
GE[General Semiconductor] GE Security, Inc.
|
|