PART |
Description |
Maker |
PIC16F62XT-20E_SS PIC16LF62X-20_P PIC16F62X-20_SO |
FLASH-Based 8-Bit CMOS Microcontroller Code Hopping Encoder(KeeLoq 码编码器) RESISTOR,ARRAY,2.2K, 5% RES ARRAY 100 OHM 4TERM 2RES SMD BBG ECL GATE OR/NOR TRPL; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Triple 2-3-2-Input OR/NOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Enhanced FLASH/EEPROM 8-Bit Microcontroller(驱动/吸收电流高,工作电压2.0~5.5V,微控制 Enhanced FLASH 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory(带ADC转换器和EEPROM数据存储器的闪速CMOS微控制器) Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压3.0~5.5V,微控制 Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压2.5~5.5V,微控制 8-Pin, 8-Bit CMOS Enhanced FLASH Microcontroller with A/D Converter and EEPROM Data Memory(-2.5~5.5V,具ADC,闪速微控制 OTP 8-Bit CMOS Microcontroller with EEPROM Data Memory(工作电压2.5~5.5V路比较器,微控制 2K 5.0V IIC serial EEPROMs(2.5V~5.5V,2K1M次擦写周ISO7816标准) 1K 5.0V IIC serial EEPROMs(2.5V~5.5V,1K1M次擦写周ISO7816标准) 256K 5.0V SPI Bus Serial EEPROM(4.5~5.5V,256K浣?SPI?荤嚎涓茶?EEPROM)
|
Microchip Technology Inc.
|
PIC18F2455 PIC18F2550 PIC18F445 PIC18F4455 PIC18F4 |
A Full Speed USB2.0 capable, PIC18 microcontroller with 32 Kbytes of Enhanced FLASH program memory, 2 Kbytes of RAM (1 Kbyte dual port), 256 bytes of data EEPROM and a complete selection of analog and digital peripherals. Ideal for low pow A Full Speed USB2.0 capable, PIC18 microcontroller with 24 Kbytes of Enhanced FLASH program memory, 2 Kbytes of RAM (1 Kbyte dual port), 256 bytes of data EEPROM and a complete selection of analog and digital peripherals. Ideal for low pow 28/40/44-Pin High-Performance, Enhanced Flash USB Microcontrollers with nanoWatt Technology 28/40/44-Pin High-Performance Enhanced Flash USB Microcontrollers with nanoWatt Technology 28/40/44-Pin High-Performance / Enhanced Flash USB Microcontrollers with nanoWatt Technology
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
PIC18FXXXX PIC18LF8722-E_PT PIC18F6627 PIC18F6722 |
(PIC18Fxx2x) Enhanced Flash Microcontrollers 64/80-PIN 1-MBIT ENHANCED FLASH MICROCONTROLLERS WITH 10-BIT A/D AND NANOWATT TECHNOLOGY
|
MICROCHIP[Microchip Technology]
|
PIC16LF818-IP PIC16F818-ISO PIC16F819-E PIC16F819- |
Enhanced Flash Microcontrollers 18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
|
Microchip Technology
|
HT66FU60 HT66F40 HT66F20 HT66F60 |
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
HT66FB30 HT66FB40 HT66FB50 HT66FB60 |
Enhanced A/D Flash Type 8-Bit MCU with EEPROM & USB Interface
|
Holtek Semiconductor Inc
|
PIC16F874A-E/L PIC16F874A-E/ML PIC16F874A-E/P PIC1 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... 28/40-pin Enhanced FLASH Microcontrollers
|
Microchip
|
PIC18F2682 |
(PIC18Fxxxx) 28/40/44-Pin Enhanced Flash Microcontrollers
|
Microchip Technology
|
PIC18F44800TI_SOQTP PIC18F44800TE_SOSQTP PIC18F448 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器与ECAN技术,10A / D和纳瓦技 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器与ECAN技术,10位A / D和纳瓦技 DEM9PB
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
PIC18LF4620-I/P PIC18LF4620-I/P301 PIC18LF2620-I/S |
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
|
Microchip Technology
|