PART |
Description |
Maker |
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
24C016 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
|
Integrated Silicon Solution Inc
|
W25X80VZPIZ W25X10 W25X10_07 W25X10VDAC W25X10VDAC |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
WINBOND[Winbond]
|
W25X10AL W25X10ALDAIG W25X10ALDAIZ W25X10ALSNIG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
W25X10L W25X20L W25X10LSNEG W25X80L W25X80LZPEG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
AD7520JN AD7531 AD7531KN AD7530 AD7521 AD7521KN AD |
320 x 240 pixel format, LED or CFL Backlight 10位,12位,乘法D / A转换 10-Bit, 12-Bit, Multiplying D/A Converters PARALLEL, WORD INPUT LOADING, 1 us SETTLING TIME, 12-BIT DAC, PDIP18 Replaced by ADS8505 : 16-Bit 10us Sampling CMOS Analog-to-Digital Converter 28-SOIC 10-Bit/ 12-Bit/ Multiplying D/A Converters
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
Advanced Micro Devices, Inc.
|
MSM538052E MSM538052E-XXGS-K MSM538052E-XXRS MSM53 |
524,288-Words x 16-bit or 1,048,576-Bytes x 8-bit MaskROM, 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM
|
OKI SEMICONDUCTOR CO., LTD.
|