PART |
Description |
Maker |
MB5010 |
(MB5005 - MB5010) 50A Single-Phase Bridge Rectifier
|
TAITRON Components Incorporated
|
MB5010 |
(MB5005 - MB5010) 50 Amp Single Phase Bridge Rectifier
|
MCC
|
PC50F2 PD50F2 |
FRD MODULE 50A/200Vtrr:80nsec 50A Avg 200 Volts
|
NIEC[Nihon Inter Electronics Corporation]
|
KBJ50 |
Single-Phase Bridge Rectifier, 50A
|
Nell Semiconductor Co., Ltd
|
MB5010 MB502 MB504 MB501 MB5005 MB506 MB508 |
50A Single-Phase Bridge Rectifier
|
TAITRON Components Incorporated TAITRON Components Inco...
|
FDD16AN08A0 FDD16AN08A0NL |
Discrete Automotive N-Channel UltraFET Trench MOSFET, 75V, 50A, 0.016 Ohms @ VGS = 10V, TO-252/DPAK Package 9 A, 75 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-Channel UltraFET Trench MOSFET 75V/ 50A/ 16m N-Channel UltraFET ?Trench MOSFET 75V, 50A, 16mOhm N-Channel UltraFET Trench MOSFET 75V, 50A, 16mз N-Channel UltraFET Trench MOSFET 75V, 50A, 16m?/a>
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
0251.250PRT1HF 0251.125PRT1HF 0251.062PRT1HF 0251. |
VERY FAST BLOW ELECTRIC FUSE, 0.25A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.125A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.062A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 12A, 32VAC, 32VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 7A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 15A, 32VAC, 32VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 1.5A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 10A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 3A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
3M Company
|
W78C33B W78C33B-24 W78C33B-40 W78C33BF-24 W78C33BF |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.3V-vf 50ns 5uA-ir DO-15 1K/BULK 8位微控制 8-BIT MICROCONTROLLER From old datasheet system
|
http:// Winbond Electronics, Corp. Winbond Electronics Corp WINBOND[Winbond]
|
FDD14AN06LA0 |
N-Channel PowerTrench MOSFET 60V, 50A, 14.6mohm N-Channel Power Trench #174 MOSFET, 60V, 50A, 14mOhms
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
50PFR80 50PFR80W 50PF80 50PF80W 50PFR120 52PFR120 |
800V 50A Std. Recovery Diode in a DO-5 package 1200V 50A Std. Recovery Diode in a DO-5 package 400V 50A Std. Recovery Diode in a DO-5 package
|
International Rectifier
|
|