PART |
Description |
Maker |
CS3720XTVA7 CS3720 CS3720XDPS7 CS3720XDPSR7 CS3720 |
D/A Converter (D-A) IC; Resolution (Bits):24; Update Rate:192kSPS; Number of DACs:6; Data Interface:Serial; Package/Case:48-LQFP; IC Generic Number:4365; Interface Type:Serial; Leaded Process Compatible:No; Number of Bits:24 甲H桥驱动器 Xfmr Module AUI Isolation Transformers 2A H-Bridge Driver
|
ZF Electronics, Corp. ZF Electronics Corporation CHERRY[Cherry Semiconductor Corporation]
|
1728000000 |
Terminal Block; Number of Positions:8; Pitch Spacing:0.13"; Wire Size (AWG):24-12; Mounting Type:PC Board; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:8; Number of Rows:2; Terminal Block Clamp Type:Screw Clamp
|
WEIDMULLER
|
AGM2416A AGM2416A-FEFBS-T |
0.3-6.5V; number of dots: 240 x 160dots; dot size:0.23 x 0.23mm; dot pitch:0.24 x 0.24mm; AZ display LCD MODULE
|
AZDISPLAYS[AZ Displays]
|
AGM3224V-MC-FBD-T AGM3224V-MC-FBS-T AGM3224V-NC-FB |
0.3-7.0V; number of dots: 240 x 320dots; dot size:0.061 x 0.215mm; dot pitch:0.076 x 0.23mm; AZ display
|
AZ Displays
|
SM8220P SM8221 SM8220 SM8221P SM8221S SM8220S |
CALLER NUMBER ID CIRCUIT,CMOS,DIP,16PIN,PLASTIC From old datasheet system Calling Number Identification Receiver IC
|
NPC[Nippon Precision Circuits Inc] http://
|
AGM1264B AGM1264B-FEBBD-T AGM1264B-FEBBH-T AGM1264 |
0.3-7.0V; 1.8mA; number of dots: 128 x 64dots; dot size:0.48 x 0.48mm; dot pitch:0.52 x 0.52mm; AZ display LCD MODULE
|
AZDISPLAYS[AZ Displays]
|
AGM6448V AGM6448V-MC-FBD-T AGM6448V-MC-FBS-T AGM64 |
0.3-6.5V; number of dots: 640 x 480dots; dot size:0.09 x 0.31mm; dot pitch:0.11 x 0.33mm; AZ display AGM6448V Series LCD Module
|
AZDISPLAYS[AZ Displays]
|
90120-0160 |
Header; Number of Contacts:40; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin
|
Molex
|
90120-0767 |
Header; Number of Contacts:7; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin
|
Molex
|
DA04-11EWA DA04-11GWA DA04-11HWA DA04-11SRWA DA04- |
10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAYS 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY RED, 10 mm 10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAYS 7 SEG NUMERIC DISPLAY, SUPER BRIGHT RED, 10 mm 10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAYS 7 SEG NUMERIC DISPLAY, GREEN, 10 mm Access Control Composite Cable; Composite Conductor Types:10 Conductors 3 Pairs; Number of Conductors:16; Conductor Size AWG:22-18; No. Strands x Strand Size:7 x 30, 7 x 26; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes
|
Kingbright Electronic Kingbright Corporation. Kingbright, Corp.
|