PART |
Description |
Maker |
LTC3527EUDTRPBF |
Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters; Package: QFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.8 A DUAL SWITCHING CONTROLLER, 2800 kHz SWITCHING FREQ-MAX, PQCC16
|
Linear Technology, Corp.
|
MAX8833ETJ MAX883309 |
Dual, 3A, 2MHz Step-Down Regulator
|
Maxim Integrated Products
|
1002AS MP2109DQ CDRH3D16 CR32-100 CR54-100 DO1605T |
Dual 1.2MHz, 800mA Synchronous Step-Down Converter
|
MPS[Monolithic Power Systems]
|
LTC3868EGN-1TRPBF LTC3868-1-15 |
Low IQ, Dual 2-Phase Synchronous 2-Phase Synchronous Step-Down Controller; Package: 28-SSOP; Temperature Range: –40°C to 125°C DUAL SWITCHING CONTROLLER, 900 kHz SWITCHING FREQ-MAX, PDSO28 Low IQ, Dual 2-Phase Synchronous Step-Down Controller
|
Linear Technology, Corp.
|
LTC3826IUH LTC3826IUH-PBF LTC3826IUH-TR LTC3826IUH |
30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
Linear Technology
|
ADP2119 ADP2120 |
2A, 1.2MHz Synchronous Step-Down DC-to-DC Regulator 1.25A, 1.2MHz Synchronous Step-Down DC-to-DC Regulator
|
Analog Devices
|
MAX1858EEG MAX1858 |
Dual 180 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR Dual 180° Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR Dual 180∑ Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
SC2447TSTRT SC2447EVB |
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
|
Semtech Corporation
|
MAX1875 MAX1875EEG MAX1875-MAX1876 MAX1876 MAX1876 |
Dual 180° Out-of-Phase PWM Step-Down Controllers with POR Dual 180 Out-of-Phase PWM Step- Down Controllers with POR Dual 180?? Out-of-Phase PWM Step-Down Controllers with POR Dual 180∑ Out-of-Phase PWM Step- Down Controllers with POR
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LT3971 |
2MHz Step-Down Regulator
|
Linear Technology
|
CMDSH2-3 SM8237 LB2012B220M LQH3C220 CMDSH-3 LEM25 |
1.2MHz STEP-UP CONVERTER
|
SamHop Microelectronics Corp.
|