PART |
Description |
Maker |
D1951SH65T |
2620 A, 6500 V, SILICON, RECTIFIER DIODE
|
|
PTFC261402FCV1R0 PTFC261402FCV1R250 PTFC261402FCV1 |
Thermally-Enhanced High Power RF LDMOS FET 140 W, 28 V, 2620 ?2690 MHz Thermally-Enhanced High Power RF LDMOS FET 140 W, 28 V, 2620 ?2690 MHz
|
Infineon Technologies A...
|
AMF-5B-040080-15-25P AMF-4B-040080-15-25P AMF-6B-0 |
4000 MHz - 8000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 12000 MHz - 18000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 20000 MHz - 30000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 100 MHz - 4000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 8000 MHz - 18000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 500 MHz - 2000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 27500 MHz - 31000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 10 MHz - 2000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 2000 MHz - 4000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 2000 MHz - 8000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 10 MHz - 4000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 1000 MHz - 2000 MHz RF/MICROWAVE WIDE BAND HIGH POWER AMPLIFIER 100 MHz - 6000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 37000 MHz - 41000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER
|
MITEQ, Inc. MITEQ INC
|
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
LY5480-HL LY5480-J LY5480-JM LY5480-K LY5480-L Q62 |
5 mm T1 3/4 LED, Diffused Wide-Angle LED T-1 3/4 SINGLE COLOR LED, YELLOW, 5 mm 5 mm T1 3/4 LED/ Diffused Wide-Angle LED 5 mm T1 3/4 LED, Diffused Wide-Angle LED T-1 3/4 SINGLE COLOR LED, SUPER RED, 5 mm 5 mm T1 3/4 LED, Diffused Wide-Angle LED T-1 3/4 SINGLE COLOR LED, RED, 5 mm 5 mm T1 3/4 LED, Diffused Wide-Angle LED 5毫米T1 3 / 4的LED,扩散广角发光二极管 DSUB DB SHEILD CAN KIT 5毫米T1 3 / 4的LED,扩散广角发光二极管 5 mm T1 3/4 LED / Diffused Wide-Angle LED 5 mm T1 3/4 LED Diffused Wide-Angle LED
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] http://
|
MC74HC58 ON1484 MC74HC58D |
2-Wide, 2-Input/2-Wide, 3-Input AND-OR Gates HC/UH SERIES, DUAL 6-INPUT AND-OR GATE, PDSO14 From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semi
|
5962-8876904KYA 5962-8876904KYC 5962-8876904KPA 59 |
5962-8876801PC · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-8876904KPA · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-8876904KXA · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-8876904KPC · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-88769022A · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-8876903FC · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-8876901PC · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-8876901PA · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-8876901XA · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-8876901YA · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-8876901YC · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers
|
Agilent (Hewlett-Packard)
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
MC74HC4851 ON1466 MC74HC51 MC74HC51D MC74HC51N |
From old datasheet system 2-WIDE, 2-INPUT/2-WIDE, 3-INPUT AND-NOR GATES
|
Motorola ON Semi
|
K3001 K3003 K3005 K3007 K3050 |
Soft, round, 6mm dia, Hard, flat, 12mm wide, Hard, flat, 25mm wide
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
HD74LS51 HD74LS51FPEL HD74LS51P |
2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gates
|
Renesas Electronics Corporation
|