PART |
Description |
Maker |
5962-89629013X 5962-8962902LX AD7569ACHIPS AD7569T |
LC2MOS Complete, 8-Bit Analog I/0 Systems LC2MOS Complete, 8-Bit Analog I/0 Systems SPECIALTY ANALOG CIRCUIT, PQCC28 LC2MOS Complete/ 8-Bit Analog I/0 Systems CMOS, Complete 8-Bit Analog I/0 Port with Single DAC Output
|
Analog Devices, Inc.
|
AD7870AJN AD7870AQ |
LC2MOS Complete/ 12-Bit/ 100 kHz / Sampling ADC LC2MOS Complete/ 12-Bit/ 100 kHz/ Sampling ADCs
|
Analog Devices
|
5962-89629013X |
LC2MOS Complete, 8-Bit Analog I/0 Systems
|
Analog Devices
|
AD7872 AD7872AN AD7872BR AD7872JN AD7872JR AD7872K |
LC2MOS Complete 14-Bit, Sampling ADCs
|
AD[Analog Devices]
|
AD7872TQ3 |
LC2MOS Complete 14-Bit, Sampling ADCs
|
Analog Devices
|
AD7868 AD7868AN AD7868AQ AD7868AR AD7868BN AD7868B |
LC2MOS Complete, 12-Bit Analog I/O System
|
AD[Analog Devices]
|
AD79024 |
LC2MOS 20-Bit Data Acquisition System LC2MOS 20位数据采集系
|
Analog Devices, Inc.
|
AD7111 AD7111A AD7111ABN AD7111ABR AD7111ACN AD711 |
LC2MOS LOGDAC Logarithmic D/A Converter SOCKET, SEALED PANEL 9 WAY PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CQCC20 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO16 ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% LC2MOS LOGDAC对数D / A转换 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDIP16 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP16 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:25mA; Current, It av:16A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes Monolithic Multiplying DAC Featuring Wide Dynamic Range
|
Analog Devices, Inc. AD[Analog Devices] ANALOG DEVICES INC
|
MAX162 MAX162ACNG MAX162ACWG MAX162AING MAX162AMRG |
Complete High-Speed CMOS, 12-Bit ADC " Complete High-Speed CMOS, 12- Bit ADC" JT 3C 3#16 PIN RECP Complete High-Speed CMOS 12-Bit ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 16-Bit Ultra-Low-Power Microcontroller, 16kB OTP, 512B RAM, 92 segment LCD 56-SSOP -40 to 85
|
MAXIM - Dallas Semiconductor http:// MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
5962-9317901MLA |
Complete 12-Bit 100 kHz Sampling ADC (AD7870/AD7870A)
|
Analog Devices
|
ADC-228 ADC-228MM ADC-228_883 ADC-228MC ADC-228/88 |
Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:17-35 8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter From old datasheet system
|
Datel Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|