PART |
Description |
Maker |
AD7714YR AD7714YRU AD7714AN-3 AD7714AN-5 AD7714AR- |
3 V/5 V, CMOS, 500 uA Signal Conditioning ADC 3 V / 5号第五的CMOS00微安ADC的信号调 VARISTOR 300V RMS 14MM RADIAL Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:680Vrms; Voltage Rating DC, Vdc:895VDC; Peak Surge Current (8/20uS), Itm:4500A; Clamping Voltage 8/20us Max :1815V; Capacitance, Cd:140pF; Package/Case:14mm Disc 3 V/5 V/ CMOS/ 500 uA Signal Conditioning ADC
|
http:// Analog Devices, Inc.
|
S1P2655A03 S1P2655A05 S1P2655A01 S1P2655A02 S1P265 |
Linear integrated circuit. Input level TTL, CMOS 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR SOP-16 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR DIP-16 LT Series Water Resistant Linear Position Transducer, 76,2 mm [3.0 in] Electrical Travel, 1.0 % Linearity, Cable Termination, Item Number F58000203 Level Meter Linear integrated circuit. Input level DTL, TTL, PMOS, CMOS
|
ITT, Corp. TE Connectivity, Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
DDTD114GU-7-F DDTD133HU-7-F DDTD113EU DDTD113ZU DD |
Prebiased Transistors 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated Diodes Inc.
|
HD6435348F6 HD6475368CP10 HD6475368F8 HD6475368F6 |
IC,MICROCONTROLLER,16-BIT,H8/500 CPU,CMOS,LDCC,84PIN,PLASTIC IC,MICROCONTROLLER,16-BIT,H8/500 CPU,CMOS,QFP,80PIN,PLASTIC IC,MICROCONTROLLER,16-BIT,H8/500 CPU,CMOS,LLCC,84PIN,CERAMIC From old datasheet system
|
Hitachi America
|
PZTA96T3 PZTA96T1 |
500 mA, 450 V, PNP, Si, SMALL SIGNAL TRANSISTOR CASE 318E-04, 4 PIN 500 mA, 450 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-261AA
|
Motorola Mobility Holdings, Inc.
|
GS9012 |
TRANSISTOR 500 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA, PLASTIC, TO-92, 3 PIN, BIP General Purpose Small Signal
|
Vishay Semiconductors
|
2N2218 ZTX84 2N2938 |
800 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 500 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 500 mA, 13 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
ZETEX PLC
|
S8550-D |
500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MICRO COMMERCIAL COMPONENTS
|
2SD2623GT |
500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
PANASONIC CORP
|
BC818-40 |
500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP SEMICONDUCTORS
|
JC327-40 |
500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
NXP SEMICONDUCTORS
|
|