PART |
Description |
Maker |
M5M532R16J-10 M5M532R16J-12 M5M532R16J-15 M5M532R1 |
0.5 in Diameter, 200mA Single Deck Rotary Switch From old datasheet system 524288-BIT CMOS STATIC RAM 524288-BIT (32768-WORD BY 16-BIT) CMOS STATIC RAM
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
M5M5256DFP-70LLIBM |
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
|
Renesas Electronics Corporation
|
M5M5256DFP-70G M5M5256DFP-70GI M5M5256DVP-70G M5M5 |
32K X 8 STANDARD SRAM, 70 ns, PDSO28 262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM Memory>Low Power SRAM
|
Renesas Electronics Corporation
|
IDT6168LA15PI IDT6168LA IDT6168SA 6168LA_DS_9916 I |
5.0V, 4k X 4, CMOS, Asynchronous, Static RAM From old datasheet system CMOS STATIC RAM 16K (4K x 4-BIT) 4K X 4 STANDARD SRAM, 35 ns, PDIP20 CMOS STATIC RAM 16K (4K x 4-BIT) 4K X 4 STANDARD SRAM, 35 ns, PDSO20 CMOS STATIC RAM 16K (4K x 4-BIT) 4K X 4 STANDARD SRAM, 25 ns, CQCC20
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
KM684000 KIM684000L-8L KIM684000-10 KIM684000-5 KI |
512Kx8 bit CMOS static RAM, 85ns, low power 512Kx8 bit CMOS static RAM, 100ns, low power 524/ 288 WORD x 8 BIT HIGH SPEED CMOS STATIC RAM PT 16C 16#16 PIN PLUG 524, 288 WORD x 8 BIT HIGH SPEED CMOS STATIC RAM 52488字8位高速CMOS静态RAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
KM68257E KM68257E-10 KM68257E-12 KM68257E-15 KM682 |
32Kx8 bit high-speed CMOS static RAM (5V operating), 15ns 32Kx8 bit high-speed CMOS static RAM (5V operating), 10ns 32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges. 32Kx8位高速CMOS静态RAMV的工作),在商业和工业温度范围操作 32Kx8 bit high-speed CMOS static RAM (5V operating), 12ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
K6T1008C2C K6T1008C2C-RB55 K6T1008C2C-RB70 K6T1008 |
128K X 8 STANDARD SRAM, 70 ns, PDSO32 128K x8 bit Low Power CMOS Static RAM 128K的x8位低功CMOS静态RAM 128K x8 bit Low Power CMOS Static RAM 128K的x8位低功耗CMOS静态RAM 55/70ns; V(cc): 4.5 to 5.5V; 128 x 8-bit low power CMOS static RAM 55ns; 128 x 8-bit low power CMOS static RAM 70ns; 128 x 8-bit low power CMOS static RAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Electronic
|
W24LH8S-55LI W24LH8 W24LH8Q-55LE W24LH8Q-55LI W24L |
Normal speed, Very low power CMOS static RAM Organized as 32768 x 8 bits 32K X 8 STANDARD SRAM, 100 ns, PDSO28
|
Winbond Electronics, Corp. WINBOND[Winbond]
|
IDT71V416S10PHG IDT71V416S10PHGI IDT71V416S12PHG I |
3.3V 256K x 16 Static RAM Center Pwr & Gnd Pinout 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 12 ns, PDSO44 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 15 ns, PBGA48 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 10 ns, PDSO44
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
M5M5V216ATP M5M5V216ART D98013_A M5M5V216ATP-55LW |
2097152-bit CMOS static RAM From old datasheet system 2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|