PART |
Description |
Maker |
NTE5232A NTE5174A NTE5191A NTE5191AK NTE5205AK NTE |
Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 170V. Zener test current Izt = 15mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 150V. Zener test current Izt = 17mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 130V. Zener test current Izt = 19mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 110V. Zener test current Izt = 23mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 100V. Zener test current Izt = 25mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 87V. Zener test current Izt = 29mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 68V. Zener test current Izt = 37mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 60V. Zener test current Izt = 43mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 51V. Zener test current Izt = 50mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 47V. Zener test current Izt = 55mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 43V. Zener test current Izt = 60mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 36V. Zener test current Izt = 70mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 30V. Zener test current Izt = 85mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 27V. Zener test current Izt = 95mA. Zener Diode, 10 Watt ±5% Tolerance Zener Diode, 10 Watt 【5% Tolerance Zener Diode 10 Watt 5% Tolerance Zener Diode / 10 Watt 5% Tolerance Zener Diode, 10 Watt % Tolerance Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 28V. Zener test current Izt = 90mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 33V. Zener test current Izt = 75mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 39V. Zener test current Izt = 65mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 45V. Zener test current Izt = 55mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 50V. Zener test current Izt = 50mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 56V. Zener test current Izt = 45mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 62V. Zener test current Izt = 40mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 75V. Zener test current Izt = 33mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 91V. Zener test current Izt = 28mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 105V. Zener test current Izt = 25mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 120V. Zener test current Izt = 20mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 140V. Zener test current Izt = 18mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 160V. Zener test current Izt = 16mA.
|
NTE[NTE Electronics] NTE Electronics, Inc. Sony, Corp.
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
PP0640SA PP0640SB |
Thyristor, Thyristor, 58V Forward Blocking Voltage, 1A On-State Current, 150mA Holding Current, 1420A RMS Current BIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR
|
Protek Devices
|
TA20141803DH |
SCR Thyristor; Gate Trigger Current Max, Igt:200mA; Current, It av:1800A; Package/Case:TA2; Repetitive Reverse Voltage Max, Vrrm:1400V; Current Rating:2820A RoHS Compliant: Yes
|
POWEREX INC
|
X40030S14-A X40030S14-B X40031S14-A X40031S14-B X4 |
THYRISTOR/DIODE MODULE, 50A 1400VTHYRISTOR/DIODE MODULE, 50A 1400V; Voltage, Vrrm:1400V; Current, It av:50A; Case style:SEMIPACK 1; Current, It rms:95A; Current, Itsm:1500A; Voltage, Vgt:3V; Current, Igt:150mA; Centres, fixing:80mm; Triple Voltage Monitor with Intergrated CPU Supervisor
|
Intersil Corporation
|
STIP4006 STI2006 STIP3006 STI2506 STIP2506 STIP150 |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:6A; Holding Current:50mA Transient Surge Protection Thyristor; Package/Case:DO-214AA; Repetitive Reverse Voltage Max, Vrrm:320V; Capacitance:60pF; Holding Current:50mA; Leakage Current:5uA; Mounting Type:Through Hole; On-State Saturation Voltage:4V Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-202; Current, It av:6A; Holding Current:50mA TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 1A I(C) | TO-66 Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Gate Trigger Current (QI), Igt:10mA; Package/Case:V-PAK; Current, It av:4A; Holding Current:20mA TRANSISTOR | BJT | PNP | 150V V(BR)CEO | 1A I(C) | TO-66
|
|
MG360V1US41 E002277 |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Current, It av:12A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS) From old datasheet system
|
Toshiba Corporation Toshiba Semiconductor
|
RHFL4913S50-04V 5962F0253401VXA 5962F0253401VXC 59 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
XL8004E1 |
80V 1A Switching Current Buck PFM LED Constant Current Driver
|
List of Unclassifed Man...
|
XL6003 |
400KHz 60V 2A Switching Current Boost LED Constant Current Driver
|
XLSEMI
|
|