PART |
Description |
Maker |
C8051F320 C8051F321 |
Full Speed USB, 16K ISP FLASH MCU Family
|
Cygnal
|
C8051F321 C8051F320 |
(C8051F320 / C8051F321) Full Speed USB / 16k ISP FLASH MCU Family
|
Silicon Laboratories
|
C8051F321 C8051F320 |
(C8051F320 / C8051F321) Full Speed USB / 16k ISP FLASH MCU Family
|
Cygnal Integrated Products
|
ST7FSCR1E4 ST7FSCR1E4M1 ST7FSCR1R4 ST7FSCR1R4T1 ST |
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
|
STMICROELECTRONICS[STMicroelectronics]
|
Z8F0423HH005EC Z8F0423HH005SC Z8F0413SH005EC Z8F04 |
IC ENCORE MCU FLASH 4K 20SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO20 IC ENCORE MCU FLASH 4K 20SOIC 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO20 IC ENCORE MCU FLASH 4K 28SOIC 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 1K 20DIP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP20 IC ENCORE MCU FLASH 2K 28SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 8K 28-SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 1K 28SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28
|
ZiLOG, Inc.
|
ST72F340S4T6 |
8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
|
STMicroelectronics
|
ST72345 ST72340 ST72344 ST72F340K4T6 ST72F344S4T6 |
8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
|
STMICROELECTRONICS
|
HD6432132XXXFA HD64F2132RFA20 HD64F2134FA20 HD6432 |
IC MCU AVR32 256KB FLASH 48-QFN MCU ARM 512K HS FLASH 100-TFBGA 32-Bit Microcontroller 32位微控制
|
Unisonic Technologies Co., Ltd.
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
A29002V-100 A29002-70 A29002L-70 A29002V-70 A29002 |
110ns 20mA 256K x 8bit CMOS 5.0V-only 70ns 20mA 256K x 8bit CMOS 5.0V-only 100ns 20mA 256K x 8bit CMOS 5.0V-only 120ns 20mA 256K x 8bit CMOS 5.0V-only 150ns 20mA 256K x 8bit CMOS 5.0V-only 90ns 20mA 256K x 8bit CMOS 5.0V-only 55ns 20mA 256K x 8bit CMOS 5.0V-only
|
AMIC Technology
|
LE28F4001M LE28F4001R LE28F4001R-15 LE28F4001R-20 |
4MEG (524288words x 8bit) flash memory 4 MEG (524288 words x 8 bits) Flash Memory
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
16C57 PIC16LV54A-02I_SO PIC16C52 PICB16C52 PICB16C |
From old datasheet system IC-SM-8-BITMCU
IC-MCU-8BIT(TUBEDQTY)
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
|
N.A. MICROCHIP[Microchip Technology]
|
|