PART |
Description |
Maker |
SN74LS10N SN54LS10 SN74LS10D SN54LS10J |
500mA, 5V,±4% Tolereance, Voltage Regulator, Ta = 0°C to 125°C; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Rail; Qty per Container: 75 LS SERIES, TRIPLE 3-INPUT NAND GATE, PDIP14
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
SBTC-2-20_20L SBTC-2-20 SBTC-2-20L SBTC-2-2020L |
Power Splitter/Combiners 2 Way-050з 200 to 2000 MHz 200 MHz - 2000 MHz RF/MICROWAVE COMBINER, 2.2 dB INSERTION LOSS Power Splitter/Combiners 2 Way-0° 50 200 to 2000 MHz Power Splitter/Combiners 2 Way-0∑ 50з 200 to 2000 MHz Power Splitter/Combiners 2 Way-0 50 200 to 2000 MHz
|
MINI[Mini-Circuits]
|
MMBZ5221B MMBZ5235B MMBZ5250B MMBZ5243B MMBZ5252B |
100mA, Adjustable Output 1.2 to 37V, Voltage Regulator with ±4% tolerance, Ta = -40°C to 125°C ; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 Automotive Catalog Fast-Transient-Response 1.5-A Low-Drop Voltage Regulator 20-HTSSOP -40 to 125 500mA, Adjustable Output 1.2 to 37V, Voltage Regulator with ±4% tolerance, Ta = 0°C to 125°C; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 Small Signal Bias Resistor Transistor SOT-723 NPN 50V; Package: SOT-723 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 8000 2-36V Dual Comparator, Ta = -40 to 105°C - Pb-free; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per Container: 50 3-36V Quad Comparator, Ta = -25 to 85°C; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tube; Qty per Container: 55 2-36V Dual Comparator, Ta = -25 to 85°C - Pb-free; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000 SURFACE MOUNT SILICON ZENER DIODES
|
PanJit International Inc. PANJIT[Pan Jit International Inc.] Pan Jit International I...
|
ZFRSC-42 |
Power Splitter/Combiner 2 Way-0 Resistive 50Ω DC to 4200 MHz Power Splitter/Combiner 2 Way-0 Resistive 50惟 DC to 4200 MHz Power Splitter/Combiner 2 Way-0 Resistive 50楼? DC to 4200 MHz
|
Mini-Circuits
|
ZB4CS-700-10W |
Power wer Splitter/Combiner 4 Way-0° 400 to 700 MHz Power wer Splitter/Combiner 4 Way-0∑ 400 to 700 MHz Power wer Splitter/Combiner 4 Way-0 400 to 700 MHz Power wer Splitter/Combiner 4 Way-0400 to 700 MHz 400 MHz - 700 MHz RF/MICROWAVE COMBINER, 0.8 dB INSERTION LOSS
|
MINI[Mini-Circuits]
|
PD09-12 |
Two-Way 0° Power Splitter Combiner 0.81-0.96 GHz Two-Way 0?Power Splitter Combiner 0.81?.96 GHz Two-Way 0 Power Splitter Combiner 0.81-0.96 GHz Two-Way 0∑ Power Splitter Combiner 0.81-0.96 GHz Two-Way 0Power Splitter Combiner 0.81-0.96 GHz
|
Alpha Industries Inc ALPHA[Alpha Industries] Alpha Industries, Inc.
|
QCC-22 |
Power Splitter/Combiner 2 Way-90° 50 1500 to 2500 MHz Power Splitter/Combiner 2 Way-90∑ 50з 1500 to 2500 MHz Power Splitter/Combiner 2 Way-90 50 1500 to 2500 MHz Power Splitter/Combiner 2 Way-9050з 1500 to 2500 MHz
|
MINI[Mini-Circuits]
|
QCC-20 |
Surface Mount Power Splitter/Combiner 2 Way-90° 50 1200 to 2200 MHz From old datasheet system Surface Mount Power Splitter/Combiner 2 Way-90∑ 50з 1200 to 2200 MHz Surface Mount Power Splitter/Combiner 2 Way-9050з 1200 to 2200 MHz
|
MINI[Mini-Circuits] MINI [Mini-Circuits]
|
PDM-81M-13G PDM-81M-3.95G PDM-81M-3G PDM-81M-6G |
4000 MHz - 8000 MHz RF/MICROWAVE SPLITTER AND COMBINER, 0.8 dB INSERTION LOSS 3600 MHz - 4300 MHz RF/MICROWAVE SPLITTER AND COMBINER, 0.8 dB INSERTION LOSS 8000 MHz - 18000 MHz RF/MICROWAVE SPLITTER AND COMBINER, 2 dB INSERTION LOSS Analog IC 模拟IC 0 POWER DIVIDERS / COMBINERS
|
MERRIMAC INDUSTRIES INC Merrimac Industries, Inc.
|