PART |
Description |
Maker |
LT3502IMS-PBF LT3502IMS-TRPBF LT3502AEDC-PBF LT350 |
1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 隆驴 2mm DFN and MS10 1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm ? 2mm DFN and MS10 1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm × 2mm DFN and MS10
|
Linear Technology
|
LTC3526BEDCTRPBF |
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm x 2mm DFN; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.7 A SWITCHING CONTROLLER, 1300 kHz SWITCHING FREQ-MAX, PDSO6
|
Linear Technology, Corp.
|
LTC3526BEDCTR |
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm x 2mm DFN; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.5 A SWITCHING CONTROLLER, 1300 kHz SWITCHING FREQ-MAX, PDSO6
|
Linear Technology, Corp.
|
RT8061A |
3A, 1MHz, Synchronous Step-Down Converter
|
Richtek Technology Corporation
|
G5728 |
1MHz 1A Synchronous Step-Down Regulator
|
Global Mixed-mode Techn...
|
MP2105DJ |
1MHz, 800mA Synchronous Step-Down Converter
|
MONOLITHIC POWER SYSTEMS INC
|
LTC3539 |
1MHz/2MHz Synchronous Step-Up DC/DC Converters
|
Linear Technology
|
MP3415 MP3415GG |
3.6A, 1MHz, Synchronous, Step-Up Converter with Output Disconnect
|
Monolithic Power System...
|
MP3414A MP3414AGJ |
3A, 1MHz, 22uA Iq, 5.5V Synchronous Step-Up Converter with Output Disconnect
|
Monolithic Power System...
|
ME3101A18 ME3101A12 ME3101A10 |
500mA Synchronous Step-Down DC/DC Converters
|
Microne
|
UC3655G-XX-AF5-R UC365510 |
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
|
Unisonic Technologies
|
LTC3427 |
500mA 1.25MHz Synchronous Step-Up DC/DC Converter
|
Linear Technology
|