PART |
Description |
Maker |
K7A203200B-QCI14 K7A203200B-QC14 K7A203600B-QCI14 |
64Kx36 & 64Kx32-Bit Synchronous Pipelined Burst SRAM 64Kx36 512Kx16 bit Low Power Full CMOS Static RAM 64Kx36 & 64Kx32-Bit Synchronous Pipelined Burst SRAM 64Kx36-Bit Synchronous Pipelined Burst SRAM
|
Cypress Semiconductor, Corp. Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
GS820H32Q-5I GS820H32T-150I GS820H32GT-5I GS820H32 |
100MHz 12ns 64K x 32 2M synchronous burst SRAM 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 12 ns, PQFP100 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 9 ns, PQFP100 117MHz 11ns 64K x 32 2M synchronous burst SRAM 138MHz 9.7ns 64K x 32 2M synchronous burst SRAM
|
GSI Technology, Inc.
|
KM736V689A |
64Kx36 Synchronous SRAM
|
Samsung semiconductor
|
KM736V689L KM736V689 |
64Kx36 Synchronous SRAM
|
Samsung Electronic Samsung semiconductor
|
KM736V689A |
64Kx36 Synchronous SRAM
|
Samsung Electronic
|
AS7C3364FT36B-80TQIN AS7C3364FT32B AS7C3364FT32B-1 |
From old datasheet system Shielding Gasket; Gasket Style:D-Shaped; Body Material:Beryllium Copper alloy #C17200; Height:.11"; Length:16"; Mounting Type:Adhesive; Thickness:.0027"; Width:.28" 64K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 64K x 32/36 Flow Through Synchronous SRAM 64K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 64K x 32/36 Flow Through Synchronous SRAM 64K X 36 STANDARD SRAM, 7.5 ns, PQFP100
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
KM736V695 |
64Kx36-Bit Synchronous Pipelined Burst SRAM(64Kx36位同步流水线脉冲 静RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
CY7C0430V 7C0430V CY7C0430V-133BGI CY7C0430V-133BG |
3.3V 64K x 18 Synchronous QuadPort⑩ Static RAM 3.3V 64K X 18 SYNCHRONOUS QUADPORT⒙ STATIC RAM From old datasheet system 3.3V 64K x 18Synchronous QuadPort?Static RAM
|
CYPRESS[Cypress Semiconductor]
|
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IDT71V633 IDT71V633S11PF IDT71V633S11PFI |
64K x 32 3.3V Synchronous SRAM Flow-Through Outputs Burst Counter, Single Cycle Deselect 64K X 32 CACHE SRAM, 11 ns, PQFP100
|
Integrated Device Technology, Inc.
|
MCM69F618CTQ12 MCM69F618CTQ12R MCM69F618CTQ10 MCM6 |
64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM 64K X 18 CACHE SRAM, 12 ns, PQFP100 64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM 64K X 18 CACHE SRAM, 9 ns, PQFP100
|
MOTOROLA[Motorola, Inc] Motorola Mobility Holdings, Inc. MOTOROLA INC
|