PART |
Description |
Maker |
WJLXT972MLCA4 DJLXT972MLAA4 DJLXT972MLCA4 DJLXT972 |
Single-Port 10/100 Mbps PHY Transceiver
|
INTEL[Intel Corporation]
|
DJIXE972MLCA4 DJIXF972MLCA4 DJLXT972MCEA4 DJLXT972 |
Single-Port 10/100 Mbps PHY Transceiver 单端0/100 Mbps的物理层收发
|
Intel Corp. Intel, Corp.
|
IDT77V126L200TFI IDT77V126L200 |
Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
|
Integrated Device Technology
|
VSC8211 |
Single Port 10/100/1000BASE-T PHY and 1000BASE-X PHY with SGMII, SerDes, GMII, MII, TBI, RGMII / RTBI MAC Interfaces
|
Vitesse Semiconductor Corporation.
|
IDT77V1253 IDT77V1253L25PGI |
Triple Port ATM PHY for 25.6 and 51.2 Mbps ATM Networks with 16 bit UTOPIA Level 2 Interface 3 Channel 25/51Mbps PHY, U1/U2
|
IDT
|
IDT77V107 IDT77V107L25PF IDT77V107L25PFI |
3.3V ATM PHY for 25.6 and 51.2 Mbps Applications with UTOPIA level 2 Interface Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
|
IDT[Integrated Device Technology]
|
2832661 |
Ethernet Switch, 15 TP RJ45 ports, 1 FO port, 100 Mbps full duplex in SC-D format, automatic detection of data transmission speed of 10 or 100 Mbps (RJ45), autocrossing function
|
PHOENIX CONTACT
|
KS899309 |
3-Port 10/100 Integrated Switch with PHY and Frame Buffer
|
Micrel Semiconductor
|
MDS105 |
Unmanaged 5-Port 10/100 Mbps Ethernet Switch
|
Zarlink Semiconductor Inc
|