PART |
Description |
Maker |
CY7C0832AV CY7C0830AV CY7C0831AV CY7C0837AV CY7C08 |
FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM(FLEx18 3.3V 64K/128K x 3628K/256K x 18同步双端口RAM) FLEx18 3.3 64K/128K × 3628K/256K × 18同步双口RAMFLEx18 3.3 64K/128K × 3628K/256K × 18同步双端口RAM)的
|
Cypress Semiconductor Corp.
|
CY7C0851AV-167BBC CY7C0851AV-133AXC CY7C0852AV-133 |
FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 64K X 36 DUAL-PORT SRAM, 4 ns, PBGA172 128K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 64K X 36 DUAL-PORT SRAM, 4 ns, PQFP176
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
IS61NVP6436A-200TQI IS61NVP12818A-250TQ IS61NVP128 |
64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 18 ZBT SRAM, 3.1 ns, PQFP100 64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 18 ZBT SRAM, 2.6 ns, PQFP100
|
Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
CY14B101LA-SP45XI CY14B101LA-SP45XIT CY14B101LA-BA |
1 Mbit (128K x 8/64K x 16) nvSRAM; Organization: 128Kb x 8; Vcc (V): 2.7 to 3.6 V; Density: 1 Mb; Package: SSOP 128K X 8 NON-VOLATILE SRAM, 45 ns, PDSO48
|
Cypress Semiconductor, Corp.
|
CY14B101MA-ZSP25XIT CY14B101MA-ZSP45XI |
1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock; Organization: 64Kb x 16; Vcc (V): 2.7 to 3.6 V; Density: 1 Mb; Package: TSOP 64K X 16 NON-VOLATILE SRAM, 45 ns, PDSO54
|
CYPRESS SEMICONDUCTOR CORP
|
CY7C4271V-15JC CY7C4271V-15JI CY7C4271V-25JC CY7C4 |
16Kx9 Low Voltage Deep Sync FIFOs(16Kx9低压深同步先进先出(FIFO 16K/32K/64K/128K x 9 Low-Voltage Deep Sync⑩ FIFOs 16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs 16K/32K/64K/128K x 9 Low-Voltage Deep Sync?/a> FIFOs 16K/32K/64K/128K x 9 Low-Voltage Deep Sync?FIFOs
|
Cypress Semiconductor Corp.
|
CY7C09099V-7AI |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 128K X 8 DUAL-PORT SRAM, 18 ns, PQFP100
|
Cypress Semiconductor, Corp.
|
CY7C192-15VXC |
64K x 4 Static RAM with Separate IO; Density: 256 Kb; Organization: 64Kb x 4; Vcc (V): 4.5 to 5.5 V; 64K X 4 STANDARD SRAM, 15 ns, PDSO28 64 K × 4 Static RAM with Separate IO CMOS for optimum speed/power
|
Cypress Semiconductor, Corp.
|
IDT70T659S8BF IDT70T659S8BC IDT70T659S8BFI IDT70T6 |
High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 10ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 8ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 15ns JFET-Input Operational Amplifier 14-SOIC -40 to 85 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 高.5V56/128K.3V 5011 2.5V的接口36 ASYNCHRONO美国双端口静RAM HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 128K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 12ns
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
CY7C194BN-25VC CY7C194BN-15PC CY7C194BN-15VC CY7C1 |
256 Kb (64K x 4) Static RAM
|
Cypress Semiconductor
|
MT42C4064 |
64k*4 dram with 256*4 sam
|
MT
|