PART |
Description |
Maker |
99-3423-56 |
Nail Type Blind Rivet
|
Alcoa international inc.
|
99-3300 |
Blind Rivet
|
Alcoa international inc.
|
99-3316-68 |
Blind Rivet
|
Alcoa international inc.
|
99-1479 |
Blind Rivet, Adjustable, Short
|
Alcoa international inc.
|
99-2736 |
UNIMATIC, Blind Rivet, Short Lgth.
|
Alcoa international inc.
|
99-2730 |
UNIMATIC, Blind Rivet, Short Lgth.
|
Alcoa international inc.
|
0473001001 47300-1001 |
1.00mm(.039), 1.27mm (.050) Pitch Slimline Serial ATA Plug for Optical Disk Drive with Standard Type Screw, Right Angle, Gold (Au) Flash Plating, Phosphor Bronze Matt Tin Plated Screw Nail MOLEX Connector
|
Molex Electronics Ltd.
|
0473001003 47300-1003 |
1.00mm(.039), 1.27mm (.050) Pitch Slimline Serial ATA Plug for Optical Disk Drive with Standard Type Screw, Right Angle, 0.38μm (15μ) Gold (Au) Plating, Phosphor Bronze Matt Tin Plated Screw Nail MOLEX Connector
|
Molex Electronics Ltd.
|
43045-0419 43045-1219 |
Header; No. of Contacts:4; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 4 CONTACT(S), MALE, POWER CONNECTOR, SURFACE MOUNT MicroFit 3.0 V SMT /Nail DR 15Au 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
43045-1637 43045-2037 |
MicroFit 3.0 V SMT /Nail DR 30Au 16Ckt 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT MicroFit 3.0 V SMT /Nail DR 30Au 20Ckt 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
FO-FC-SC-PBS-R FO-FC-FS-PBS-R FO-FC-FSSC-PBS-R |
SIMPLEX FIBER OPTIC ADAPTER SHELL ZDC, NAIL PLATE SYNTHETIC RESIN
|
JAE Electronics, Inc. Japan Aviation Electronics Industry, Ltd.
|
UNIFOX-RVT-P-6 |
Rivet setting tool, for use with RVT-PA 6 plastic body-bound rivets
|
PHOENIX CONTACT
|
|