PART |
Description |
Maker |
2020.0002 |
Miniature Telecom fuse; Voltage Rating: 250V; Current Rating: 0.63A; Characteristic: TIME LAG BLOW ELECTRIC FUSE, 0.63A, 250VAC, 1500A (IR), INLINE/HOLDER
|
SCHURTER AG
|
HEDL-6442-AP01 HEDL-6442-AP02 HEDL-6402-AP01 HEDL- |
Optical Incremental Housed Encoders 光电编码器增量外 IND 3.3UH SMD 10% SHLD Inductor; Inductor Type:Power; Inductance:10uH; Inductance Tolerance: /- 10 %; Current Rating:279mA; Series:ISC; Package/Case:1812; Core Material:Powdered Iron; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes HEDL-6442-IP01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6442-IP02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6442-IT01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6442-IT02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6402-AT01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6402-AT02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-AT11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6402-IT01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6402-IT02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-IT01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6403-IT02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6443-IT01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6443-IT02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-AT01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6403-AT02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-AT11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6443-AT01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6443-AT02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-IP01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6402-IP02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-IP01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6403-IP02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6443-IP01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6443-IP02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6442-AT01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6442-AT02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-IT11 · Two channel encoder with 512 cpr and 4mm shaft size HEDL-6402-IT11 · Two channel encoder with 512 cpr and 4mm shaft size HEDL-6402-AP01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6402-AP02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-AP11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6403-AP01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6403-AP02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-AP11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6403-IP11 · Two channel encoder with 512 cpr and 4 mm shaft size HEDL-6402-IP11 · Two channel encoder with 512 cpr and 4 mm shaft size HEDL-6442-AP01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6442-AP02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6443-AP01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6443-AP02 · Three channel encoder with 500 cpr and 3 mm shaft size
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HCPL-901J HCPL-900J HCPL-9031 HCPL-902J HCPL-9030 |
SPECIAL HCPL-0931 · High Speed Digital Isolator HCPL-0930 · High Speed Digital Isolator HCPL-092J · High Speed Digital Isolator HCPL-091J · High Speed Digital Isolator HCPL-090J · High Speed Digital Isolator HCPL-0900 · High Speed Digital Isolator HCPL-9000 · High Speed Digital Isolator HCPL-9030 · High Speed Digital Isolator HCPL-902J · High Speed Digital Isolator HCPL-9031 · High Speed Digital Isolator HCPL-900J · High Speed Digital Isolator HCPL-901J · High Speed Digital Isolator
|
Agilent (Hewlett-Packard)
|
AD261 AD261AND-0 AD261AND-3 AD261AND-5 AD261AND-4 |
High Speed/ Logic Isolator High Speed, Logic Isolator 5 I/O, PIA-GENERAL PURPOSE, PQIP16 40 MBd five channel digital isolator for Fieldbus, Microcontroller/peripheral interface and data transmission
|
微控制器/微处理器 Analog Devices, Inc.
|
AD260 AD260BND-5 AD260AND-0 AD260AND-1 AD260AND-2 |
High Speed, Logic Isolator with Power Transformer SPECIALTY INTERFACE CIRCUIT, PQIP22 High Speed/ Logic Isolator with Power Transformer High Speed Logic Isolator with Power Transformer 40 MBd five channel digital isolator isolated power for Fieldbus, Microcontroller/peripheral interface and data transmission
|
Analog Devices, Inc. AD[Analog Devices]
|
TCIHG TCIHG-S0072 |
Isolator Hybrid Combination Green 1550(1585)nm Tap Coupler / Isolator Hybrid Combination
|
OPLINK Communications I...
|
MI5F25V63 |
FAST BLOW ELECTRIC FUSE, 6.3A, 250VAC, 63A (IR), INLINE/HOLDER
|
MERSEN
|
HGTG30N60C3 FN4042 |
From old datasheet system 63A, 600V, UFS Series N-Channel IGBT
|
INTERSIL[Intersil Corporation]
|
GE3012 GE3009 GE3010 GE3011 |
Photon coupled isolator. GaAs infrared emitting diode & light activated triac driver. PHOTON COUPLED ISOLATOR
|
General Electric Solid State PERKINELMER[PerkinElmer Optoelectronics] PerkinElmer Optoelectro...
|
HGTG30N60C3D |
63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
Harris Corporation
|
HA1-2839-5 HA3-2839-5 HA3-2839-9 |
63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
Harris Corporation
|