PART |
Description |
Maker |
87368-3425 87368-3225 87368-3825 87368-3424 87368- |
MGrid Rec S/E SMT D.R. .76AuLF 34Ckt 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 32Ckt 32 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 38Ckt 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 34POS 2MM SMD GOLD 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .38AuLF 50Ckt 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 28POS 2MM SMD GOLD 28 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 42Ckt 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 44Ckt 44 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 42POS 2MM SMD GOLD 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 873681025 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 20Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
245087060900861 245087030900829 |
CONN, SMT RECEPTACLE 60POS 0.5MMSP W/TAPE 60 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, RECEPTACLE 30 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
AVX, Corp. AVX CORP
|
73251-0900 73251-0840 73251-1020 73251-1000 |
732510900 PANEL MOUNT, CABLE TERMINATED, FEMALE, SMA CONNECTOR, RECEPTACLE Receptacle SMA Jack Flg .020 Pin PANEL MOUNT, CABLE TERMINATED, FEMALE, SMA CONNECTOR, RECEPTACLE Receptacle SMA Jack 2H Flg .012 Pin PANEL MOUNT, CABLE TERMINATED, FEMALE, SMA CONNECTOR, RECEPTACLE Receptacle SMA Jack 2H Flg .015 Pin
|
Molex, Inc. MOLEX INC
|
L8231 L8231-21 L8231-22 L8231-23 L8231-32 L8231-44 |
2V; 0.2mW; laser diode: repectacle type, 1.3um, 1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit ethernet, HDTV, SDH Receptacle type, 1.3 レm, 1.25, 2.5 Gbps 插座类型.3レ米.25.5 Gbps CAP 1.5PF 50V /-0.25PF C0G SMD-0402 TR-7-PA SN100 插座类型.3レ米.25.5 Gbps Receptacle type/ 1.3 m/ 1.25/ 2.5 Gbps Receptacle type, 1.3 m, 1.25, 2.5 Gbps Receptacle type 1.3 m 1.25 2.5 Gbps Receptacle type, 1.3 μm, 1.25, 2.5 Gbps FIBER OPTIC LASER DIODE EMITTER, 1250Mbps, PANEL MOUNT, SC CONNECTOR
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
1050171001 |
Micro-USB B Receptacle, Bottom Mount, Surface Mount, Lead-Free
|
Molex Electronics Ltd.
|
1050170001 1050170001-18 |
Micro-USB B Receptacle, Bottom Mount, Surface Mount, with Solder Tabs, Lead-Free
|
Molex Electronics Ltd.
|
FZT792 FZT792A FZT792ATC |
PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:14-22 Style:Wall Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:14-22
|
Zetex Semiconductors
|
500024-6071 500024-7071 500024-5071 500024-4071 |
0.4 BtB Rec Hsg Assy 60Ckt EmbsTp Pkg 60 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, RECEPTACLE 0.4 BtB Rec Hsg Assy 70Ckt EmbsTp Pkg 70 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, RECEPTACLE 5000245071 50 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, RECEPTACLE 5000244071
|
Molex, Inc. MOLEX INC
|
87263-4223 87263-0893 87263-1025 87263-1095 87263- |
MGrid B/E Rec SMT W/Pg .38AuLF 42Ckt 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid B/E Rec W/Cap T&R .38AuLF 8Ckt 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec B/E SMT W/Pg .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec B/E W/Cap T&R .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid B/E Rec W/Cap T&R .38AuLF 24Ckt 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
0719790407 71979-0407 |
2.54mm (.100) Pitch C-Grid? Receptacle, Surface Mount, Dual Row, Right Angle, 14 Circuits 2.54mm (.100") Pitch C-Grid庐 Receptacle, Surface Mount, Dual Row, Right Angle, 14 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
|