PART |
Description |
Maker |
KK-1920-25 |
Operating Voltage = 60 VDC Operating Current (Max) = 25 Amp
|
JMK Inc.
|
ZA-1193-3 |
Operating Voltage: 60 Vdc Operating Current (max): 3 AMPERES
|
JMK Inc.
|
MM-0637A-50C |
Operating Voltage = 48 Vdc Operating Current = 50 Amperes
|
http://
|
MF-0637A-60BL |
Operating Voltage = 48 Vdc Operating Current = 60 Amperes
|
JMK Inc.
|
MF-0637A-50BL |
Operating Voltage = 48 Vdc Operating Current = 50 Amperes
|
JMK Inc.
|
GG-1141-15B |
Operating voltage: 12 Vdc Operating current: 15 amp.
|
JMK Inc.
|
LL-1500-20 |
Operating voltage (max) = 12,24 or 36 Vdc Operating Current (max) = 20 Amperes
|
JMK Inc.
|
BY255 BY251 BY252 BY253 BY254 |
RP40 (G) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 12V; 2:1 Wide GENERAL PURPOSE PLASTIC RECTIFIER
|
GOOD-ARK[GOOD-ARK Electronics]
|
BUT33 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 20 Watts POWERLINE: RP20-S_DEW - 4:1 Wide Input Voltage Range- 20 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Ul 1950 Component Recognised- Standard 50.8 x40.6x10.2mm Package- Efficiency to 84% 56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
|
Motorola Inc Motorola, Inc. ONSEMI[ON Semiconductor]
|
BSX48 Q60218-X49 BSX49 Q60218-X48 |
RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 5V; 4:1 Wide Input Voltage Range; 10 Watts NPN SILICON PLANAR TRANSISTORS
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BDX42 BDX43 BDX44 |
RJZ Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 3.3V; Power: 2W; 2W Single and Dual Outputs NPN Darlington transistors
|
功率晶体 Philips Semiconductors
|
BSP50BSP52 BSP51 Q62702-P1165 BSP50 BSP50BBSP52 BS |
NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage) From old datasheet system RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 10 Watts
|
Siemens Semiconductor G... Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG SIEMENS A G
|