PART |
Description |
Maker |
FT311D FT311D-32L1C FT311D-32L1C-R FT311D-32L1C-X |
The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.null USB Android Host IC
|
Future Technology Devic...
|
AT43USB370 |
Full speed, USB 2.0 compliant host/function processor with embedded USB host stack and device driver firmware. Please
|
Atmel
|
CY7C67300-100AXA CY7C67300-100AXAT CY7C67300-100AX |
EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
|
Cypress Semiconductor http://
|
SLG55590 |
USB Host Charger Identification
|
Dialog Semiconductor
|
AT76C711 |
The Atmel AT76C711, based on Atmels proprietary 8-bit AVR-enhanced RISC architecture, is a USB device designed to provide a high-speed USB interface to devices that need to communicate with a host through fast serial links like UARTs and
|
Atmel
|
SL811HST SL811HS SL811HST-AC |
Universal Serial Bus : USB Embedded Hosts Controller Miscellaneous Embedded USB Host/Slave Controller
|
CYPRESS[Cypress Semiconductor]
|
BU9457KV |
USB host MP3 Decoder LSI
|
Rohm
|
SL811HST-AXC SL811HS11 |
Embedded USB Host/Slave Controller
|
Cypress Semiconductor
|
VT6202 |
USB 2.0 UHCI and EHCI Host Controller
|
VIA
|
BU9458KV |
USB host AACWMAMP3 Decoder LSI
|
Rohm
|
CY7C67200-48BAXI CY7C67200-48BAXIT |
EZ-OTGProgrammable USB On-The-Go Host/Peripheral Controller
|
Cypress
|