PART |
Description |
Maker |
MF-USMF MF-USMF020 MF-USMF050 MF-USMF035 MF-USMF00 |
MF-USMF Series - PTC Resettable Fuses RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, SURFACE MOUNT
|
Bourns Inc. Bourns, Inc.
|
MF-RX110-0-99 |
PTC - RADIAL LEADED 60VOLTS RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, THROUGH HOLE MOUNT
|
Hanbit Electronics Co., Ltd.
|
CMF-RD50-10-0 |
Radial Lead Resettable Fuses 230volts 50ohms 10% RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, 50 ohm, THROUGH HOLE MOUNT
|
Bourns, Inc.
|
FRT050-33F FRT250-33F FRT075-33F FRT090-33F FRT120 |
Radial Leaded PTC Resettable Fuse: FRT Series Preliminary
|
DBLECTRO[DB Lectro Inc]
|
R30R160 R30R400 30R 30R500 30R600 30R700 30R800 30 |
Resettable PTC. Ihold = 3.00A, Itrip = 6.00A, Vmax =30Vdc. Reel quantity 1500. Resettable PTC. Ihold = 4.00A, Itrip = 8.00A, Vmax =30Vdc. Reel quantity 1500. Resettable PTC. Ihold = 1.85A, Itrip = 3.70A, Vmax =30Vdc. Reel quantity 3000. Resettable PTC. Ihold = 1.60A, Itrip = 3.20A, Vmax =30Vdc. Reel quantity 3000. Resettable PTC. Ihold = 1.35A, Itrip = 2.70A, Vmax =30Vdc. Reel quantity 3000. Resettable PTC. Ihold = 0.90A, Itrip = 1.80A, Vmax =30Vdc. Reel quantity 3000. Resettable PTC. Ihold = 2.50A, Itrip = 5.00A, Vmax =30Vdc. Reel quantity 3000. Resettable PTC. Ihold = 1.10A, Itrip = 2.20A, Vmax =30Vdc. Reel quantity 3000. Radial Leaded PTC PTC的径向引
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
250R120-R3 250R120-R1ZR 250R120-RA 250R120-RC 250R |
Fast time - to - trip Access equipment Lan/Wan equipment POLY-FUSE? Resettable PTCs POLY-FUSE Resettable PTCs POLY-FUSE? Resettable PTCs Radial Leaded > 250R Series
|
Littelfuse
|
BCW60B BCW60D BCW60 BCW60C BCW60_3 BCW60B/T1 BCW60 |
From old datasheet system NPN GENERAL PURPOSE TRANSISTORS PTC Resettable Fuse; Series:1206L; Thermistor Type:PTC; Operating Voltage Max:24VDC; Holding Current:200mA; Tripping Current:420mA; External Depth:1mm; Length:3.5mm; Initial Resistance Min:0.65ohm; Initial Resistance Max:1.55ohm HDW,FUSEHOLDER,SMT
|
NXP Semiconductors Philips Semiconductors
|
JK-SMD300L-6V JK-SMD260L |
Resettable Fuse PTC
|
HuaXinAn Electronics CO...
|