PART |
Description |
Maker |
HIN236E HIN237E |
RS-232 Transceiver, 4T/3R, 5V, 230kbps, 15KV ESD, 1.0F Capacitors RS-232 Transceiver, 5T/3R, 5V and 12V, 230kbps, 15KV ESD RS-232 Transceiver, 4T/3R, 5V, 120kbps, 1.0F Capacitors, Manual Shutdown RS-232 Transceiver, 5T/3R, 5V, 120kbps, 1.0F Capacitors
|
Intersil
|
5962-9213206MYA 5962-9213206MVA 5962-9213206MXA 59 |
3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 1µA, Up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors x4 Fast Page Mode DRAM x4快速页面模式的DRAM 3.0V to 5.5V, 1µA, Up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus x4快速页面模式的DRAM
|
Vicor, Corp. Amphenol, Corp.
|
MAX221 MAX221CAE MAX221CUE MAX221EAE MAX221EUE |
5V, 1uA, Single RS-232 Transceiver with AutoShutdown %V, 1レA, Single RS-232 Transceiver with AutoShutdown %V, 1A, Single RS-232 Transceiver with AutoShutdown 5V, 1µA, Single RS-232 Transceiver with AutoShutdown
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
HIN202E HIN206E HIN207E HIN208E HIN211E HIN213E HI |
RS-232 Transceiver, 2T/2R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Icc=8mA RS-232 Transceiver, 4T/3R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Manual Shutdown RS-232 Transceiver, 5T/3R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors RS-232 Transceiver, 4T/4R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors RS-232 Transceiver, 4T/5R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Manual Shutdown RS-232 Transceiver, 4T/5R, 5V, 230kbps, 15KV ESD (IEC61000) , 0.1F Capacitors, Two Active Receivers in Shutdown Mode RS-232 Transceiver, 2T/2R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Icc=5mA
|
Intersil
|
ADM222 ADM242 ADM232A ADM222AARN ADM222AARW |
Nominal:5V; high-speed; 400mW; CMOS RS-232 driver/receiver. For computers, peripherals, modems, printers, instruments Part of a family of high speed RS-232 line drivers/receivers offering transmission rates up to 200 kB/s High Speed, 5V, 0.1 F CMOS RS-232 200kBPS Transceiver with 2 Drivers, 2 Receivers, Shutdown and Enable Pins High Speed, 5V, 0.1 F CMOS RS-232 Transceiver with 2 Drivers, 2 Receivers, 200kBPS Data Rate and a Shutdown Pin
|
Analog Devices
|
SP334CT SP334ET SP334 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Programmable RS-232/RS-485 Transceiver
|
SIPEX[Sipex Corporation]
|
5962-9221104MFX 5962-9221106MFX 5962-9221104M2X 59 |
3V to 5.5V, Up to 250kbps True RS-232 Transceiver with 4µA AutoShutdown Plus and Power On Reset ±15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications 2,输入数字复接器 3V to 5.5V, Up to 250kbps True RS-232 Transceiver with 4µA AutoShutdown Plus and Power On Reset 2,输入数字复接器
|
Toshiba, Corp.
|
XR3160EIU-F XR3160ECU-F XR3160EIU-0A-EB |
RS-232/RS-485/RS-422 TRANSCEIVER RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
|
Exar Corporation
|
MAX3224EAP MAX3224EPP MAX3224CAP MAX3225EAP MAX322 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDIP20 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO20 BATTERY LITHIUM 3V RECHARGE 1A Supply Current / 1Mbps / 3.0V to 5.5V / RS-232 Transceivers with AutoShutdown Plus 1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
|
Maxim Integrated Products, Inc.
|
ICL3224 ICL3226 ICL3238 ICL3244IA |
RS-232 Transceiver, 5T/3R, 3V to 5.5V, 250kbps, Enhanced Auto Powerdown RS-232 Transceiver, 1T/1R, 3V to 5.5V, 250kbps, Enhanced Auto Powerdown RS-232 Transceiver, 2T/2R, 3V to 5.5V, 250kbps, Enhanced Auto Powerdown 1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
|
Intersil Corporation
|
SP333CT-L SP333CT-L/TR SP333CT/TR |
TRIPLE LINE TRANSCEIVER, PDSO28 5V Only RS-232/AppleTalk™ Programmable Transceiver
|
Sipex Corporation
|
|