PART |
Description |
Maker |
87433-0620 87433-0520 87433-2620 87433-2120 87433- |
RECEPTACLE 2 ROW 11WAY RECEPTACLE 2 ROW 51WAY RECEPTACLE 2 ROW 25WAY RECEPTACLE 2 ROW 15WAY RECEPTACLE 2 ROW 21WAY RECEPTACLE 2 ROW 9WAY 插座2WAY RECEPTACLE 2 ROW 41WAY 插座21WAY
|
AVX, Corp.
|
L8231 L8231-21 L8231-22 L8231-23 L8231-32 L8231-44 |
2V; 0.2mW; laser diode: repectacle type, 1.3um, 1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit ethernet, HDTV, SDH Receptacle type, 1.3 レm, 1.25, 2.5 Gbps 插座类型.3レ米.25.5 Gbps CAP 1.5PF 50V /-0.25PF C0G SMD-0402 TR-7-PA SN100 插座类型.3レ米.25.5 Gbps Receptacle type/ 1.3 m/ 1.25/ 2.5 Gbps Receptacle type, 1.3 m, 1.25, 2.5 Gbps Receptacle type 1.3 m 1.25 2.5 Gbps Receptacle type, 1.3 μm, 1.25, 2.5 Gbps FIBER OPTIC LASER DIODE EMITTER, 1250Mbps, PANEL MOUNT, SC CONNECTOR
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
403001A10M050 N03FA04124 N03FA03124 4R3P06A27C300 |
M8 Field-Attachable 3 Pole Male Panel Mount Receptacle, Straight and Right Angle Female Connector and Receptacle. and 5m Single-Ended Cable
|
MolexKits
|
240-837-WP14-12P 240-837-WP14-12S 240-837-WH214-12 |
Filter Receptacle Wall Mount Receptacle
|
Glenair, Inc.
|
61082-081026 61082-14400LF 61082-123400LF 61082-16 |
80 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE BERGSTAK 0.8MM RECEPTACLE ASSY 1.MATERIAL HOUSING LCP UL 94V-O
|
FCI connector
|
ZS310L ZS330L ZS100L ZS115L ZS120L ZS130L ZS140L Z |
1WATT SURFACE MOUNT ZENER DIODE Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:5; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Socket; Insert Arrangement:18-5 1瓦表面贴装稳压二极管 Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-36 Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:20-24 Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:18-32 Style:Cable Receptacle; Circular Contact Gender:Socket; Insert Arrangement:18-32 Gender:Socket; Circular Shell Style:Cable Receptacle; Insert Arrangement:18-32 Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:18-5 Style:Cable Receptacle; Circular Contact Gender:Socket; Insert Arrangement:24-31 Style:Cable Receptacle; Circular Contact Gender:Socket; Insert Arrangement:22-55 Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:22-55
|
Formosa Microsemi Co., Ltd. 美丽微半导体有限公司 FORMOSA[Formosa MS]
|
15-92-1468 15-92-1450 15-92-1060 15-92-1520 |
CONNECTOR, 68 PIN, RECEPTACLE, TH MOLEX 15-92-1468 68 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 15921450 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 15921060 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 120CKT EBBI VERT RECPT A716601420
|
Molex, Inc. MOLEX INC
|
190-01918-5 190-01910SL-5 190-01914S-5 190-01518-5 |
Composite Jam Nut Receptacle, Composite Box Mount Receptacle
|
Glenair, Inc.
|
4N55/883B 4N55/883B200 HCPL-5531 HCPL-5501 HCPL553 |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Receptacle With No Tail npn型输出DC -输入光耦合 NPN-OUTPUT DC-INPUT OPTOCOUPLER npn型输出DC -输入光耦合 Receptacle With A Turret
|
Avago Technologies, Ltd.
|
51021-0300 51021-1400 51021-0600 |
Crimp Housing, 1.25 mm Pitch Wire-To-Board System, 3 Circuits 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Crimp Pin Contact; Number of Contacts:14; Pitch Spacing:0.049"; Number of Rows:1; Mounting Type:Header; Body Material:PBT Polyester; Color:Natural; Gender:Female 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE RECEPTACLE HOUSING, 6WAY 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
22-15-3213 5229-22APB 22-15-3203 |
F.F.C. CONN. REC.HSG ASSY 21 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 22 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SOLDER, RECEPTACLE PC Board Connector; Number of Contacts:20; Pitch Spacing:2.54mm; Number of Rows:1; Body Material:PBT Polyester; Contact Plating:Tin; Current Rating:1A; Gender:Receptacle; Series:5229; Voltage Rating:200V
|
Molex, Inc. MOLEX INC
|
|