PART |
Description |
Maker |
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
27HC191L-40/K 27HC191L-55/L 27HC191L-40/P 27HC191L |
Evaluation Kit for the MAX4338, MAX4233 ADSL Drivers/Receivers for Customer Premise Equipment 16 x 16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers Evaluation Kit for the MAX4447, MAX4448, MAX4449 Evaluation Kit for the MAX4450 250MHz Wideband Transconductance Amplifier with Differential Output SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute Evaluation Kit for the MAX4336, MAX4231 Evaluation Kit for the MAX4365 ±15V Chopper Stabilized Operational Amplifier Ultra-High PSRR Stereo Drivers Microphone Amp 100mA Linear Regulator Evaluation Kit for the MAX4299 Evaluation Kit for the MAX4358 Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin QFN High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers 用于GSM、采引脚QFN封装的低成本、低电压功率控制放大 Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier x8存储 x8 EPROM x8存储
|
GSI Technology, Inc.
|
AM79C930EVAL-HW |
PCnet-Mobile Evaluation Kit EMULATOR KIT ADAPTER, 100 VQFP(FPGA) 44-PIN A PART PLCC(FPGA)
|
Advanced Micro Devices
|
27C256RPDS-30 27C256RPFE-15 27C256RPFE-17 27C256RP |
Video Op Amp Evaluation Kit for the MAX3996 Evaluation Kit for the MAX4060 Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switch Micropower, SOT23, Rail-to-Rail, Fixed-Gain GainAmp Open-Loop GainAmps Op Amps Evaluation Kit for the MAX4063 Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps Evaluation Kit for the MAX4000, MAX4001, MAX4002 x8存储 x8 EPROM x8存储 Precision Video Buffer Amplifier x8存储 Ultra-Low Offset Voltage Operational Amplifier x8存储
|
Atmel, Corp. HIROSE ELECTRIC Co., Ltd. Ecliptek, Corp. Vishay Intertechnology, Inc. Superior Electric
|
2650D15 2650D05 2650D12 2650MD15 2650S05.2 2650MT1 |
ISDB-T 1- and 3-Segment Low-IF Tuners 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高RS - 232收发器与0.1uF电容 Evaluation Kit for the MAX2116, MAX2118 模拟IC Direct-Conversion to Low-IF Tuners for Digital Audio Broadcast 模拟IC Evaluation Kit for the MAX2160 模拟IC Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs 模拟IC Evaluation Kit for the MAX2130
|
Littelfuse, Inc. Advanced Interconnections, Corp. Maxim Integrated Products, Inc. Micro Commercial Components, Corp. STMicroelectronics N.V.
|
EK03 |
EVALUATION KIT FOR SA03 PIN-OUT
|
Cirrus Logic
|
EK26 |
EVALUATION KIT FOR PA60EU PIN-OUT
|
APEX[Apex Microtechnology]
|
EK07 |
EVALUATION KIT FOR SA07 PIN-OUT
|
Apex Microtechnology Corporation
|
EK33 |
EVALUATION KIT FOR PA75CX OR PA35CX PIN-OUT
|
APEX[Apex Microtechnology]
|
MAX17116QEVKIT |
Evaluation Kit for the MAX17116 in a 24-Pin TQFN Package
|
MAXIM - Dallas Semiconductor
|
|