PART |
Description |
Maker |
CEK1016TA CEK1016SL |
ALUMINIUM ELECTROLYTIC MINIATURE RADIAL CEK
|
Dubilier
|
DJ4X10016 DJ4X10016TA |
CAPACITORS ALUMINIUM ELECTROLYTIC LOW IMPEDANCE DJ4X
|
Dubilier
|
SC9016-000 |
(SC9016-000 / SC9017-000) Fet Chip Mounting Capacit
|
Alpha
|
HR1V100KC HR1V100KR HR1V100KT HR1E100KC HR1E100KR |
ALUMINIUM ELECTROLYTIC CAPACITOR
|
DB Lectro Inc
|
60058 60054 60009 60000 |
"PANEL HANDLE 4""X M6 Dual/Triple-Voltage µP Supervisory Circuits FRONT PANEL ALUMINIUM 8U 前面板铝紧凑型高 FRONT PANEL ALUMINIUM 4U 前面板铝代缴
|
Ideal Industries, Inc. Sanyo Denki Co., Ltd.
|
REC15 REC15-4824SRWBZ REC15-1205DRWB REC15-1205DRW |
CAPACITOR, 1000UF 16V CAPACITOR, 1000UF 16V; CAPACITANCE:1000UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:YXF; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:16VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to C; Capacitance:47uF RoHS Compliant: Yes Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:16VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:100uF RoHS Compliant: Yes ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
Recom International Pow... RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
BUK7720-55A |
CAPACITOR, 22000UF 25V CAPACITOR, 22000UF 25V; CAPACITANCE:22000UF; VOLTAGE RATING, DC:25V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes N-channel TrenchMOS standard level FET
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
80C186EC 80C188EC 80L186EC 80L188EC 80C186EC20 80C |
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 16位高集成嵌入式处理器 CAPACITOR 4700UF 16V CAPACITOR 4700UF 16V; CAPACITANCE:4700UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:ZLH; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes
|
Intel Corp. Intel, Corp.
|
EEUEBXXX EEUEB1A101 EEUEB1A101S EEUEB1A221 EEUEB1A |
Aluminum Electronic Capacitor Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 220 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 100 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 3.3 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 1000 uF, THROUGH HOLE MOUNT KJL 79C 79#22 PIN RECP CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 4.7 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 1000 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 1000 uF, THROUGH HOLE MOUNT
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
WH25 WH10 WH5 WH50 |
Aluminium Housed Wirewound Resistors
|
TT Electronics / Welwyn Welwyn Components Limited
|
1418N4ALM12 1418N4ALT12 1418N4ALC10 1418N4ALK8 |
Armoire murale en aluminium de type 4X
|
Hammond Manufacturing Ltd.
|
|