PART |
Description |
Maker |
AT27CXXX AT27C080 |
8M bit EPROM AT27CXXX Series [Updated 10/98. 1 Pages]
|
Atmel
|
EFM32WG995F128-BGA120 EFM32WG995F256-BGA120 EFM32W |
Updated specifications based on the results of additional silicon characterization
|
Silicon Laboratories
|
ATF1508ASVL ATF1508ASV-15QC100 ATF1508ASV-15QC160 |
ATF1508ASV(L) [Updated 9/02. 23 Pages] 128 Macrcells with ISP. 3-volt and low power Highperformance EE PLD
|
Atmel Corp.
|
AT90SC9616RC |
AT90SC9616RC Preliminary Summary [Updated 1/03. 4 Pages] This document gives the key features. a brief description and a block diagram. The Complete SECURE MICROCONTROLLER FOR SMART CARDS
|
ATMEL Corporation
|
EFM32TG840F32-QFN64 EFM32TG232F8-QFP64 EFM32TG110F |
Updated specifications based on the results of additional silicon characterization.
|
Silicon Laboratories
|
EFM32G290F32-BGA112 EFM32G890F32-BGA112 EFM32G840F |
Updated specifications based on the results of additional silicon characterization
|
Silicon Laboratories
|
SI4431-B1-FM 1011011A |
Updated pin 6, ANT1 to ANT
|
Silicon Laboratories
|
AT24C512SCNBSP AT24C512SC |
AT24C512SC Preliminary [Updated 10/00. 12 Pages] 2-wire. 512K Serial EEPROM From old datasheet system 2-wire, 512K Serial EEPROM
|
Atmel corp
|
AT90SC4816RS |
AT90SC4816RS Summary [Updated 06/03. 2 Pages] Summary of the AT90SC4816RS giving the key features. a brief description and a block diagram. Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM. Security Features: MMU, MED, OTP (One Time Programmable) EEPROM area, RNG (random Number Generator), "out of bounds" detectors, side chann
|
Atmel
|
ATF1504SEL ATF1508SEL ATF1502SEL ATF1508SEL-15JC84 |
ATF1502/04/08/16SE(L) Preliminary [Updated 9/02. 69 Pages] Second Generation Industry Compatible 5V Logic Doubling CPLDs 32-512 Macrocells. standard & low power w/ISP EE PLD, 15 ns, PQCC84 PLASTIC, LCC-84 EE PLD, 15 ns, PQFP160 28 X 28 MM, PLASTIC, QFP-160 EE PLD, 15 ns, PQFP100 14 X 20 MM, PLASTIC, QFP-100 EE PLD, 10 ns, PQCC84 PLASTIC, LCC-84 EE PLD, 7.5 ns, PQFP160
|
Atmel, Corp. ATMEL CORP
|
AT89C51RB2-SLSCM AT89C51RB2/RC2 AT89C51RB2-SLSIL A |
Hex Inverter 14-SOIC -40 to 125 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 8-bit Microcontroller with 16K/ 32K Bytes Flash 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 Replaced by SN74LVC04A : Hex Inverter 14-SOIC -40 to 85 AT89C51RB2/RC2 [Updated 4/03. 125 Pages]
|
http:// Atmel, Corp. Atmel Corp.
|
RE025 |
RE025 [Updated 2/03. 10 Pages] The RE025 is a Low Drop Out (LDO) voltage regulator macrocell with programmable 2.8V or 2.9V output voltages. rated A Low Drop Out (LDO) voltage regulator macrocell with programmable 2.8V or 2.9V output voltages, rated for loads of up to 30 mA. A typical application is radio section supply in mobile terminals.
|
Atmel
|