PART |
Description |
Maker |
AD5162BRM10-RL7 AD5162BRM100-RL7 AD5162BRM2.5-RL7 |
256-Position Dual Channel SPI Digital Potentiometer
|
Analog Devices
|
ADSX34 |
256-Position Dual Channel SPI Digital Potentiometer
|
Analog Devices
|
MCP41010MCP42010 MCP41050-I/P MCP41050-E/SN MCP410 |
Single/Dual Digital Potentiometer with SPI?/a> Interface Single/Dual Digital Potentiometer with SPIInterface 双数字电位器接口与SPI The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41100 ha The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41050 ha The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41010 ha 400000 SYSTEM GATE 2.5 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... IC,DIGITAL POTENTIOMETER,CMOS,DIP,8PIN,PLASTIC Single/Dual Digital Potentiometer with SPI Interface Single/Dual Digital Potentiometer with SPI?/a> Interface Single/Dual Digital Potentiometer with SPI?Interface
|
Microchip Technology, Inc. Microchip Technology Inc.
|
AD5243BRM2.5-RL7 AD5248EVAL AD5243 AD5243BRM10 AD5 |
256-Position Dual Channel I2C Compatible Digital Potentiometer 256-Position Dual Channel I2C Compatible Digital Resistor Dual 256-Position I2C Compatible Digital Potentiometer 256-Position Dual Channel I-2C Compatible Digital Potentiometer
|
AD[Analog Devices]
|
AD5160BRJZ100-R2 AD5160BRJZ5-R2 |
256 Position SPI Compatible Digital Potentiometer 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO8 256 Position SPI Compatible Digital Potentiometer 5K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO8
|
Analog Devices, Inc.
|
CAT5172TBI-00GT3 CAT5172TBI-50GT3 |
256-Position SPI Compatible Digital Potentiometer 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO8
|
ON Semiconductor
|
CAT5261WI-00-T1 CAT5261WI-50-T1 CAT5261YI-00-T2 |
DPP, NV, Dual 256 taps, SPI DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24
|
Rectron Semiconductor
|
AD5243BRM10-RL7 AD5243BRM50-RL7 AD5243BRM2.5 AD524 |
Dual 256-Position I2C Compatible Digital Potentiometer DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO10
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD5232BRUZ10-REEL7 |
Nonvolatile, Dual, 256-Position Digital Potentiometer DUAL 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
CAT5261WI-00 CAT526108 CAT5261WI-50 CAT5261YI-00 C |
Dual Digitally Programmable Potentiometers (DPP? with 256 Taps and SPI Interface Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface Dual Digitally Programmable Potentiometers (DPP⑩) with 256 Taps and SPI Interface
|
http:// Catalyst Semiconductor
|
AD5280BRUZ200-R7 AD5280BRUZ50-REEL7 AD5280BRUZ200- |
Single/Dual, 15 V/±5 V, 256-Position, I2C-Compatible Digital Potentiometer; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial 200K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14 Single/Dual, 15 V/±5 V, 256-Position, I2C-Compatible Digital Potentiometer; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD5174BCPZ-10-R2 AD5174BCPZ-10-RL7 AD5174BRMZ-10 A |
Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
|
Analog Devices
|