PART |
Description |
Maker |
HD74LS641-1 HD74LS641-1P |
BUS TRANSCEIVER|SINGLE|8-BIT|LS-TTL|DIP|20PIN|PLASTIC Octal Bus Transceivers(non-inverted open-collector outpurs) Octal Bus Transceivers with non-inverted open-collector outputs
|
Hitachi Semiconductor
|
AM27C020 AM27C020-120 AM27C020-120DC5 AM27C020-120 |
2 Megabit (256 K x 8-Bit) CMOS EPROM Octal bus transceivers 20-SSOP 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SO 0 to 70 2兆位56亩8位)的CMOS存储 2 Megabit (256 K x 8-Bit) CMOS EPROM 256K X 8 UVPROM, 55 ns, CDIP32 Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC 0 to 70 2兆位56亩8位)的CMOS存储 Octal bus transceivers 20-SOIC 0 to 70 256K X 8 OTPROM, 55 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS EPROM 2兆位256亩8位)的CMOS存储 BCD-To-Seven-Segment Decoders/Drivers 16-SOIC 0 to 70 2兆位256亩8位)的CMOS存储 2 Megabit (256 K x 8-Bit) CMOS EPROM 2兆位56亩8位)的CMOS存储 Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SSOP 0 to 70 RES 1.5K-OHM 1% 0.125W 100PPM THK-FILM SMD-0805 TR-7-PA 2 megabit CMOS EPROM
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD [Advanced Micro Devices] AMD[Advanced Micro Devices]
|
ASM3P2762AG-08TT ASM3I2762A-06OR ASM3I2762A-08SR A |
Low Power Peak EMI Reducing Solution 13 MHz, OTHER CLOCK GENERATOR, PDSO8 Octal Bus Transceivers With 3-State Outputs 20-BGA MICROSTAR JUNIOR -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-SO -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 PS MEDICAL 28W 12V 2.3A PWR SPLY SWITCHING 28V 0.7A CONNECTOR ACCESSORY Circular Connector; No. of Contacts:21; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:23-21 RoHS Compliant: No
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AM28F256A AM28F256A-150FCB AM28F256A-70FC AM28F256 |
32K X 8 FLASH 12V PROM, 70 ns, PDIP32 Octal bus transceivers and registers 24-SOIC 0 to 70 256千比特(32亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 32K X 8 FLASH 12V PROM, 70 ns, PQCC32 8-Bit Identity/Magnitude Comparators 20-SOIC 0 to 70 256千比特(32亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 32K X 8 FLASH 12V PROM, 200 ns, PDSO32 256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 32K X 8 FLASH 12V PROM, 70 ns, PDSO32 256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256千比特(32亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 8-Bit Identity/Magnitude Comparators 20-SO 0 to 70 Octal bus transceivers with open collector outputs 20-SOIC 0 to 70 Serial-in shift registers with output storage registers 24-PDIP 0 to 70 Serial-in shift registers with output storage registers 24-SOIC 0 to 70 Serial-out shift registers 24-SOIC 0 to 70 Synchronous 4-Bit Up/Down Binary Counters 16-PDIP 0 to 70 Serial-out shift registers 24-PDIP 0 to 70 4-by-4 register files with 3-state outputs 16-SOIC 0 to 70 Synchronous 4-Bit Up/Down Binary Counters 16-SOIC 0 to 70 4-by-4 register files with 3-state outputs 16-PDIP 0 to 70 Octal bus transceivers and registers 24-PDIP 0 to 70 Octal bus transceivers with open collector outputs 20-PDIP 0 to 70
|
ADVANCED MICRO DEVICES INC SPANSION LLC Advanced Micro Devices, Inc.
|
AMS2954 AMS2954CT-X AMS2954AC-25 AMS2954AC-30 AMS2 |
5.0V 250mA low dropout voltage regulator 2.5V 250mA low dropout voltage regulator ; Resistance Min:1000ohm; Resistance Tolerance: /- 2 %; Series:JHE; Adjustment Type:Knob; Axis Configuration:Three; Body Height:4.97cm; Body Length:16.9cm; Body Width:15.6cm; Mechanical Angle/Rotation:18 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-SOIC -55 to 125 24-Bit ADC, 4 Ch, PGA 1:128, 50/60 Hz Notch, 0.6 mW Power Consumption 16-TSSOP -40 to 85 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-PDIP -55 to 125 Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-SSOP -55 to 125 250mA LOW DROPOUT VOLTAGE REGULATOR 250mA的低压差稳压 3.5V 250mA low dropout voltage regulator
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc. Advanced Monolithic Sys...
|
74LVTH16652 74LVTH16652MEA 74LVTH16652MTD |
Octal Bus Transceivers And Registers With 3-State Outputs 24-SOIC -40 to 85 LVT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IN74HCT125AN IN74HCT125A IN74HCT125AD |
Octal Registered Transceivers With 3-State Outputs 24-SOIC -40 to 85 四三态同相缓冲器 Octal Registered Transceivers With 3-State Outputs 24-SSOP -40 to 85 四三态同相缓冲器 QUAD 3-STATE NONINVERTING BUFFERS
|
INTEGRAL JOINT STOCK COMPANY INTEGRAL[Integral Corp.]
|
HD74HC620 HD74HC623 HD74HC623RP HD74HC620RP |
BUS TRANSCEIVER|SINGLE|8-BIT|HC-CMOS|SOP|20PIN|PLASTIC 总线收发器|单| 8位系列| HC - CMOS制|专科| 20针|塑料 Octal Bus Transceivers(with inverted 3-state outputs)
|
Hitachi,Ltd. Electronic Theatre Controls, Inc. HITACHI[Hitachi Semiconductor]
|
M95128-MW6TG M95256-DW3G/A M95256-DW3G/V M95256-MW |
16K X 8 SPI BUS SERIAL EEPROM, PDIP8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 32K X 8 SPI BUS SERIAL EEPROM, PDSO8 Octal Edge-Triggered D-Type Flip-Flops With Clear 20-PDIP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With Clear 20-SSOP -40 to 85 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 RECTIFIER SCHOTTKY SINGLE 10A 40V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256Kbit128Kbit的EEPROM串行SPI总线高速时 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256Kbit28Kbit的EEPROM串行SPI总线高速时 RECTIFIER SCHOTTKY DUAL 16A 50V 250A-ifsm 0.7V-vf 0.5mA-ir TO-220AB 50/TUBE 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 256/128 Kbit Serial SPI Bus EEPROM With High Speed Clock 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 Replaced by SN74ABT245B : Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 RES 1.5K-OHM 1% 0.125W 100PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA RES 6.20K OHM 1/4W 1% 1206 SMD VARISTOR 150V RMS 4032 SMD Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 256 Kbit Serial SPI bus EEPROM with high speed clock 256Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
DP8308J DP7307J AM8308 DP8307N DP8307J DP8307NB AM |
(DP8308) Octal 3 State Bidirectional Bus Transceiver OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
|
Advanced Micro Devices AMD ETC[ETC] List of Unclassifed Manufacturers http://
|
U74HC640 |
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
|
Unisonic Technologies
|