PART |
Description |
Maker |
2302.25P 229.250P 229.350P 229.375P 229.500P 229.6 |
2AG Slo-Blo Fuse Axial Lead and Cartridge Fuses - Subminiature Glass Body
|
LITTELFUSE[Littelfuse]
|
020902.5MXEP 0209007MXEP 0209006MXEP 02092.25MXEP |
Axial Lead & Cartridge Fuses 209 Series Lead-Free 2AG, Slo-Blo? (Time-Lag) Fuse
|
Littelfuse
|
3266.25 325.010 325.031 325.062 325.100 325.125 32 |
Axial Lead and Cartridge Fuses - 3AB Slo-Blo Fuse 3AB Slo-Blo Fuse 325/326 Series
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
218500 218125 218010 218016 218160 218032 |
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse 5 × 20毫米时滞保险丝(斯洛文尼 Blo)保险丝
|
Littelfuse, Inc.
|
3AG8-R 2JS2-R 3JS2-R 2JS2.5-R 3JS2.5-R 2JS200-R 3J |
Time-lag Fuse Series Fuses, RoHS 1.5A 350V SLOW 2AG TIME LAG BLOW ELECTRIC FUSE, 1.5A, 350VAC, 140VDC, 100A (IR), INLINE/HOLDER Fuses, RoHS 2.5A 350V SB 2AG LEADED TIME LAG BLOW ELECTRIC FUSE, 2.5A, 350VAC, 140VDC, 100A (IR), THROUGH HOLE Fuses, RoHS 100mA 350V SLOW 2AG TIME LAG BLOW ELECTRIC FUSE, 0.1A, 350VAC, 140VDC, 100A (IR), INLINE/HOLDER Fuses, RoHS 300mA 350V SB 2AG LEADED TIME LAG BLOW ELECTRIC FUSE, 0.3A, 350VAC, 140VDC, 100A (IR), THROUGH HOLE Fuses, RoHS 1.25A 350V SLOW 2AG Time-lag Fuse Series
|
Bel Fuse Inc. http:// Bel Fuse, Inc.
|
221 215.200 215.250 215.315 215.400 215.500 215.63 |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 215/221 Series
|
LITTELFUSE[Littelfuse]
|
218005P |
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
|
http://
|
239250 239200 239300 239_1 239001 239002 239003 23 |
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
|
LITTELFUSE[Littelfuse]
|
215630 215500 215800 |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
|
Littelfuse, Inc.
|
0375012.MXP 0375015.MXP |
3AG SLO-BLO FUSE Pb-FREE 1000 PACK
|
Littelfuse
|
0315.150HXP 0315.125MXP 0315.125MXB 0315.125HXP 03 |
313/315 Series Lead-Free 3AG, Slo-Blo? Fuse
|
Littelfuse
|
346877 286 286377 286677 |
Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|