PART |
Description |
Maker |
TL39E TL39U TL39X-020-0250 TL39X-006-2500 TL39X-11 |
LOW PROFILE ENCAPSULATED TRANSFORMER 低收缩包膜变压器
|
DB Lectro Inc. DB Lectro, Inc.
|
HLMP-1550 HLMP-1550-1.00000 HLMP-1550-1.00001 HLMP |
Half pitch interface connectors (HRS unique); HRS No: 230-1022-7 50; Connector Type: Cable; Contact Mating Area Plating: Gold Low Profile T-1 (3 mm) LED Lamps HLMP-1350-C0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1350-C0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-BC000 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0000 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-A0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-A0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1350 · Low Profile T-1 (3 mm) LED Lamp
|
发光二极 Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
SL1222101-A SL1222101-B |
TRANS,WALL,24VDC/400mA,F2, 2.1mm x 5.5mm,UL 50/cs 电路保护热敏电阻 TRANS,WALL,24VDC/500mA,F1 2.1mmX5.5mm,UL TRANS,WALL,18VDC/1A,F2,2.5X5.5 ,2 PRNG AC,LIN NON-REG
|
Ametherm, Inc.
|
591D686X004C2T 591D686X010C2T 591D686X010D2T 591D6 |
Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV 固体钽芯片电容器等于??,低姿态,低ESR,共形涂层,最大简 SW MINI PUSHBUTTON PANEL SEAL Conformal-coated tantalum capacitor;
high CV; low ESR;
low profile 1.2 - 2.0mm Solid Tantalum Chip Capacitors TANTAMOUNT?? Low Profile Low ESR Conformal Coated Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT??, Low Profile, Low ESR, Conformal Coated, Maximum CV
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. aximum CV VISAY[Vishay Siliconix]
|
AUK11Y48 AUK06A48 AUK09F48 AUK10G48 AUK11M48 AUK11 |
DC-DC / Ultra Low Profile Isolated 30w Ultra Low Profile - 4.4mm 30 Watts Embedded Power
|
ASTEC[Astec America, Inc] Emerson Network Power http://
|
RS6011SY6002 RS6011DY6006 RS6011SY6008 RS6011DY600 |
Low-profile Master Type(Super Y Fader Low-profile Master Type拢篓Super Y Fader拢漏
|
ALPS ELECTRIC CO.,LTD.
|
B0110A7575P00 B0810A7575P00 B0922A7575P00 B0826A75 |
Ultra Small Low Profile 0603 Balun 50ヘ to 200ヘ Balanced Ultra Small Low Profile 0603 Balun 50楼? to 200楼? Balanced Ultra Small Low Profile 0603 Balun 50惟 to 200惟 Balanced Ultra Small Low Profile 0603 Balun 50Ω to 200Ω Balanced
|
Anaren Microwave http://
|
HM6620100 HM6610100 HM6615100 HM6640100 HM6660100 |
Miniature Low Profile, Shielded Surface Mount Inductors Miniature Low Profile, Shielded 1 ELEMENT, 3.8 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 8.6 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 3.9 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 82 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR, SMD
|
List of Unclassifed Manufacturers ETC[ETC] BI Technologies, Corp. BI TECHNOLOGIES CORP
|
HM7719007LTTR HM7729007LTTR HM77-33010ALF HM77-340 |
Low Profile Surface Mount Inductors 1 ELEMENT, 77 uH, GENERAL PURPOSE INDUCTOR, SMD Low Profile Surface Mount Inductors 1 ELEMENT, 114 uH, GENERAL PURPOSE INDUCTOR, SMD Low Profile Surface Mount Inductors 1 ELEMENT, 115 uH, GENERAL PURPOSE INDUCTOR, SMD Low Profile Surface Mount Inductors 超薄表面贴装电感 Low Profile Surface Mount Inductors 1 ELEMENT, 1.01 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
BI Technologies Corporation BI Technologies, Corp.
|
TCH TCH-18-12 TCH-18-15 TCH-18-18 TCH-4-12 TCH-4-1 |
TCH 50/60 Hz Low Profile UL Aproved Transformers 2W-14W 50/60 Hz Low Profile UL Approved Transformers 2W-14W
|
PREMO CORPORATION S.L
|
SL1010003 SL1010003-B |
TRANS,WALL,9VDC/800mA,F2 2.1mm x 5.5mm,UL/CUL TRANS,WALL,REG LIN,9VDC/500mA 2.1mmX5.5mm,CTR POS,UL/CSA
|
Ametherm, Inc
|
|