PART |
Description |
Maker |
LTC1438 LTC1439 LTC1439IG LTC1439IGW LTC1438IG-ADJ |
From old datasheet system Dual High Efficiency/ Low Noise/ Synchronous Step-Down Switching Regulators Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
|
LINER[Linear Technology]
|
LTC1142LCG-ADJTR LTC1142LCG-ADJPBF |
Dual High Efficiency Synchronous Step-Down Switching Regulators
|
Linear Technology
|
LTC1142_00 LLTC1142HV LTC1142 LTC1142CG LTC1142HVC |
Dual High Efficiency Synchronous Step-Down Switching Regulators
|
LINER[Linear Technology]
|
LTC1267_02 LTC1267 LTC1267-ADJ LTC1267-ADJ5 LTC126 |
Dual High Efficiency Synchronous Step-Down Switching Regulators
|
LINER[Linear Technology]
|
LTC1142-ADJ LTC1142HV-ADJ LTC1142HVCG-ADJ LTC1142L |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OCTAL BUS TRANSCEIVER O.C. 20-SO 0 to 70
|
Linear Technology Corporation
|
LTC1539IGWTR LTC1538CG-AUXPBF LTC1538CG-AUXTR |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators Dual High Efficiency,Low Noise, Synchronous Step-Down Switching Regulators
|
Linear Technology
|
LTC1929CG LTC1929IG LTC1929 LTC1929-PG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators 2-Phase, High Efficiency,Synchronous Step-DownSwitching Regulators
|
Linear Technology Corporation
|
LTC1267-ADJ LTC1267CG-ADJ LTC1267CG-ADJ5 LTC1267-A |
Dual High Efficiency Synchronous Step-Down Switching Regulators Circular Connector; No. of Contacts:37; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-35 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS XTAL MTL T/H HC49/US
|
http:// Linear Technology Corporation
|
LT1171HVIQTRPBF LT1172HVCQPBF LT1172HVCQTRPBF LT11 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 SMPS Controller 开关电源控制器 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3727EG LTC3727EUH-1 LTC3727EG-1 LTC3727 LTC3727 |
From old datasheet system High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
ISL6614 ISL6614CB ISL6614CB-T ISL6614CBZ ISL6614CB |
256 x 1 x 2 dual independent synchronous FIFO memories 24-SOIC -40 to 85 3 A 2 CHANNEL, HALF BRDG BASED MOSFET DRIVER, PQCC16 Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LTC1436AIGN-PLL LTC1436ACGN-PLL |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Low Noise Synchronous Step-Down Switching Regulators
|
http:// Linear Technology Corporation
|