PART |
Description |
Maker |
PHRA1301P7A4 PHRA1701700P8B7 PHRA1301300P7A4 PHRA1 |
CPTC Thermistor
|
Thinking Electronic Industrial Co.,Ltd Thinking Electronic Industr... Thinking Electronic Ind...
|
5D-9T3CF2 5D-11 502GT-1 15TP551 15TP551N 15TP551T |
AT thermistor, 5KOhm ET thermistor, 83KOhm GT thermistor, 500KOhm D thermistor, 250Ohm Metal oxide varistor, 910V CT thermistor, 2.5KOhm ET thermistor, 59KOhm ET thermistor, 41KOhm ET thermistor, 40KOhm ET thermistor, 4KOhm IT thermistor, 20KOhm CT thermistor, 200KOhm ET thermistor, 232KOhm Gastube arrester, 400V GT thermistor, 1000KOhm GT thermistor, 100KOhm CT thermistor, 51KOhm CT thermistor, 20KOhm AT thermistor, 2KOhm D thermistor, 360Ohm CT thermistor, 100KOhm FT thermistor, 50KOhm Power thermistor Metal oxide varistor, 56V HT thermistor, 50KOhm HT thermistor, 30KOhm HT thermistor, 20KOhm GT thermistor, 1KOhm AT thermistor, 10KOhm BT thermistor, 100KOhm D thermistor, 100Ohm AT thermistor, 1KOhm D thermistor, 100KOhm Metal oxide varistor, 470V THERMOPILE TYPE INFRARED SENSOR FT thermistor / 10K Ohm 500W transient voltage suppressor, 15V ET thermistor, 10KOhm CT thermistor, 10KOhm FT thermistor, 10KOhm GT thermistor, 10KOhm HT thermistor, 10KOhm IT thermistor, 10KOhm JT thermistor HT thermistor, 100KOhm HT thermistor, 3KOhm HT thermistor, 5KOhm Metal oxide varistor, 820V Metal oxide varistor, 33V FT thermistor, 100KOhm CT thermistor, 11KOhm AT thermistor, 100KOhm AT thermistor, 20KOhm CT thermistor, 47KOhm ET thermistor, 100KOhm FT thermistor, 364KOhm Gastube arrester, 350V GT thermistor, 20KOhm ET thermistor, 226KOhm ET thermistor, 30KOhm ET thermistor, 50KOhm CT thermistor, 56KOhm IT thermistor, 100KOhm IT thermistor, 50KOhm IT thermistor, 30KOhm GT thermistor, 2KOhm 1500W transient voltage suppressor, 120V Metal oxide varistor, 120V Metal oxide varistor, 150V Metal oxide varistor, 18V Metal oxide varistor, 200V Metal oxide varistor, 22V Metal oxide varistor, 220V Metal oxide varistor, 240V Metal oxide varistor, 27V Metal oxide varistor, 330V Metal oxide varistor, 270V Metal oxide varistor, 360V Metal oxide varistor, 39V Metal oxide varistor, 390V Metal oxide varistor, 430V Metal oxide varistor, 47V Metal oxide varistor, 68V Metal oxide varistor, 82V
|
ETC[ETC] SEMITEC
|
TTC-045 TTC-060 TTC-010 TTC-050 TTC-085 TSM1A-103 |
Thermistor TSM Type Thermistor Temperature Compensation
|
TKS
|
B59701-A70-A62 B59701-A130-A62 B59701-A100-A62 B59 |
THERMISTOR PTC SMD THERMISTOR PTC SMC 热敏电阻PTC的校董会 Measurement and Control
|
ITT, Corp. List of Unclassifed Man...
|
CMF-RL50-10 CMF-RL55UA-10-0 |
Telecom CPTC Resettable Fuses
|
Bourns Electronic Solut...
|
CMF-SD35-10 CMF-SD35-2 CMF-SD50-10 CMF-SD50-2 CMF- |
Telecom CPTC Resettable Fuses
|
Bourns Electronic Solutions
|
WS57C49C-1 WS57C49C-35 WS57C49C-35CMB WS57C49C-35D |
8K X 8 UVPROM, 55 ns, CQCC28 CURRENT LIMITR INRSH 5.0 OHM 20% 高K的军事8的CMOS胎膜早破/ RPROM MILITARY HIGH SPEED 8K x 8 CMOS PROM/RPROM 高K的军事8的CMOS胎膜早破/ RPROM THERMISTOR, NTC; Series:B572; Thermistor type:NTC; Resistance:7R; Tolerance, resistance: /-20%; Beta value:3060; Temperature, lower limit, beta value:25(degree C); Temperature, upper limit, beta value:100(degree C); Temp, op. RoHS Compliant: Yes THERMISTOR, NTC; Series:B572; Thermistor type:NTC; Resistance:33R; Tolerance, resistance:20%; Beta value:3300; Temperature, lower limit, beta value:25(degree C); Temperature, upper limit, beta value:100(degree C); Case RoHS Compliant: Yes
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
CMF-SD35-10-2 CMF-SD50A-2 CMF-SD25-2 |
Ceramic PTC RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, 35 ohm, SURFACE MOUNT Telecom CPTC Resettable Fuses RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, 50 ohm, SURFACE MOUNT Telecom CPTC Resettable Fuses RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, 25 ohm, SURFACE MOUNT
|
Bourns, Inc.
|
PTH451A |
PTC THERMISTOR
|
Murate
|
WMZ11A |
PTC thermistor
|
Sinochip
|
SCK-0120 SCK-015 |
NTC Power Thermistor
|
Voltts
|
|