PART |
Description |
Maker |
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6E |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6 千伏隔震1W的未稳压双输SIP6
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
PCI-1734 PCL-734 |
32-ch Isolated Digital Output Card with PCI Interface
|
Advantech Co., Ltd.
|
ISO1H816G |
Coreless Transformer Isolated Digital Output 8 Channel 1.2A High-Side Switch
|
Infineon Technologies AG
|
ISO1H812G |
Coreless Transformer Isolated Digital Output 8 Channel 0.625A High-Side Switch
|
Infineon Technologies AG
|
X7AH-07A1A0 S7AH-07A1A0 V7AH-07A1A0 |
NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 1-OUTPUT 23.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 非隔离式DC / DC转换2 V输入0.9 V.3 7 A输出
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
P6MU-XXXXZH40 P6MU-0505ZH40 P6MU-053R3ZH40 P6MU-12 |
Input voltage:24V, output voltage /-7.2V ( /-69mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-3.3V ( /-150mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output 4 KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14 4千伏隔震1W的未稳压双输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
P8SG-247R2ZH52 P8SG-0505ZH52 P8SG-053R6ZH52 P8SG-1 |
Input voltage:5V, output voltage /-5V ( /-150mA), 5.2KV isolated 1.5W regulated dual output 5.2 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 5.2千伏隔震1.5糯稳压双输出DIP24 Input voltage:5V, output voltage /-3.6V ( /-200mA), 5.2KV isolated 1.5W regulated dual output
|
PEAK[PEAK electronics GmbH]
|
P8SG-XXXXEH30M P8SG-0505EH30M P8SG-1205EH30M P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 3千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
VRPB-10C25L |
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A 1-OUTPUT 25 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A 非隔离式DC / DC转换.3V输入/0.9V - 2.5V输出/ 10A
|
Bel Fuse, Inc.
|
7B39-02 7B39-01 |
Isolated Current Output Signal Conditioning Module Isolated, Process Current Output
|
Analog Devices
|
TP78LU5.0-0.5 TP78LU12-0.5 TP78LU15-0.5 TP78LU24-0 |
Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
|
Toppower Electronic Tec...
|