PART |
Description |
Maker |
PD7M440 PD7M441H PD7M440H |
16-Bit 160 MSPS 2x/4x/8x Interpolating Dual TxDAC ® D/A Converter 14-Bit, 160 MSPS, 2×/4×/8× Interpolating Dual TxDAC ® D/A Converter MOSFET MODULE Dual 50A 450V/500V
|
ETC[ETC] NIEC[Nihon Inter Electronics Corporation]
|
EKIN2-220D |
215-225 MHz,I/Q demodulator E-Series I/Q Demodulator 215 - 225 MHz E系列的I / Q解调15 - 225兆赫
|
MA-Com http:// MACOM[Tyco Electronics] Cypress Semiconductor, Corp.
|
LTM9002CV-LAPBF LTM9002IV-LAPBF LTM9002 LTM9002CV- |
14-Bit Dual-Channel IF/Baseband Receiver Subsystem LTM9002-AA - 14-Bit Dual-Channel IF/ Baseband Receiver Subsystem; Package: 108-Lead (15mm × 11.25mm × 2.3mm) LGA; Temperature Range: –40°C to 85°C SPECIALTY ANALOG CIRCUIT, PBGA108 LTM9002-LA - 14-Bit Dual-Channel IF/ Baseband Receiver Subsystem; Package: 108-Lead (15mm × 11.25mm × 2.3mm) LGA; Temperature Range: –40°C to 85°C SPECIALTY ANALOG CIRCUIT, PBGA108 LTM9002-LA - 14-Bit Dual-Channel IF/ Baseband Receiver Subsystem; Package: 108-Lead (15mm × 11.25mm × 2.3mm) LGA; Temperature Range: 0 to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
BAV199LT1 |
70 V, 215 mA, dual switching diode
|
Leshan Radio Company
|
RA07M2127M10 |
215-270MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
|
Mitsubishi Electric Semiconductor
|
SW-215 SW-216 |
(SW-215 / SW-216) Matched GaAs SPST Switch
|
Tyco Electronics
|
MAX17079GTL |
4-Level or 2-Level Logic to High-Voltage Level Shifter for TFT LCD TV Display
|
Maxim Integrated Products
|
NJU6855 |
160COMMON × 128RGB LCD DRIVER FOR 65,536-COLOR STN DISPLAY From old datasheet system
|
New Japan Radio
|
STL19N65M5 |
N-channel 650 V, 0.215 Ohm typ., 12.5 A MDmesh(TM) V power MOSFET in a PowerFLAT(TM) 8x8 HV package
|
ST Microelectronics
|
NJU6674 |
38-common × 132-segment 1-icon common Bitmap LCD Driver
|
New Japan Radio
|
1PS181 |
High-Speed Double Diode 0.215 A, 85 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
NXP Semiconductors N.V. Philips Semiconductors
|