PART |
Description |
Maker |
AT88RF020 AT88RF020-WBC-10 AT88RF020-WBC-82 AT88RF |
Low-cost 2-Kbit RF Memory with Password, ISO/IEC 14443 Type B compliant 13.56 MHz/ 2048-bit RFID EEPROM
|
Atmel
|
AT88SC6416CRF |
Contactless 64-Kbit user memory with authentication and encryption, ISO/IEC 14443 Type B compliant. CryptoRF EEPROM Memory 64 Kbits
|
ATMEL[ATMEL Corporation]
|
LRIS64K |
64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
|
STMicroelectronics
|
MB89R118 MB89R118A-DI15 |
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
|
Fujitsu Media Devices Limited
|
MB89R119 |
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
|
Fujitsu Media Devices Limited
|
MB89R118 MB89R11806 |
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
|
Fujitsu Component Limited.
|
TL7232 TL7232MD |
FULL LAYER-ISO/IEC 11172-3 AUDIO DECODER 完整Layer -ゲ的ISO / IEC 11172-3音频译码 FULL LAYER-?/a> ISO/IEC 11172-3 AUDIO DECODER
|
Samsung Semiconductor Co., Ltd.
|
LRI64 LRI64-A1S LRI64-A1S/1GE LRI64-A1T LRI64-A1T/ |
Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO 15693 Standard Compliant 内存标签IC64位唯一ID与WORM的用户区13.56,ISO 15693标准兼容 CONN HOUSING 2MM 18POS POLARIZED
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
A9213A |
ISO/IEC 14443A RFID TAG IC
|
AMIC Technology
|
MAX66120 MAX66120K-000AA |
ISO 15693-Compliant 1Kb Memory Fob
|
MAXIM - Dallas Semiconductor
|
KPF6.1 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 6A; Terminal Type: Quick Connect PCB; Very efficientGround contact onThe PCB; IEC/EN 60950
|
SCHURTER INC
|