PART |
Description |
Maker |
XBP24-AUI-001 |
Low-cost, easy-to-deploy modules provide critical end-point connectivity to Digi’s Drop-in Networking product family.
|
List of Unclassifed Man...
|
MAX3232E MAX3222 MAX3241E MAX3246 MAX3222E MAX3222 |
Video/Imaging Fixed-Point Digital Signal Processor 548-FC/CSP ±15kV ESD保护、电流低0nA.0V.5V供电、速率高达1Mbps的真RS-232收发 DIODE SWITCHING SINGLE 250V 200mA-Io 250mW 50ns-trr SOD-123 3K/REEL 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 15kV ESD-Protected / Down to 10nA / 3.0V to 5.5V / Up to 1Mbps / True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
Maxim Integrated Products, Inc.
|
MAX3095 MAX3095CEE MAX3095CPE MAX3095CSE MAX3095EE |
±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers 【15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers From old datasheet system ±15kV ESD-Protected, 10Mbps, 3V/5V,Quad RS-422/RS-485 Receivers 15kV ESD-Protected / 10Mbps / 3V/5V / Quad RS-422/RS-485 Receivers Video/Imaging Fixed-Point Digital Signal Processor 548-FC/CSP QUAD LINE RECEIVER, PDSO16 Replaced by TMS320C6455 : QUAD LINE RECEIVER, PDSO16
|
MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
ADSP-2195MBCA-140 ADSP-2195MBST-140 ADSP-2195MKCA- |
16-bit Fixed-Point DSP, 160 MIPS, 80 Kbytes RAM ADSP-2195 16-bit Fixed-Point DSP 140MHz; on-chip SRAM: 1.3M bit; DSP microcomputer 160MHz; on-chip SRAM: 1.3M bit; DSP microcomputer
|
Analog Devices
|
TMS320C6454 |
Fixed-Point Digital Signal Processor
|
http://
|
TMP320C6413ZTS400 TMS320C6413ZTS400 TMX320C6413ZTS |
Fixed-Point Digital Signal Processors
|
http://
|
UPD77017 UPD77015GC UPD77017GC UPD77018GC |
16 bits, Fixed-point Digital Signal Processor
|
http://
|
UPD77015 UPD77015GC UPD77017 UPD77017GC UPD77018 U |
16 bits, Fixed-point Digital Signal Processor
|
NEC[NEC]
|
NJU26060 |
24bit Fixed-point Digital Signal Processing
|
New Japan Radio
|
EL5108IS-T13 EL5308 EL5108IW-T7 EL5108IW-T7A EL510 |
450MHz Fixed Gain Amplifiers with Enable 1 CHANNEL, VIDEO AMPLIFIER, PDSO6 450MHz Fixed Gain Amplifiers with Enable 1 CHANNEL, VIDEO AMPLIFIER, PDSO8 450MHz Fixed Gain Amplifiers with Enable 1 CHANNEL, VIDEO AMPLIFIER, PDSO16 450MHz Fixed Gain Amplifiers with Enable 450MHz的固定增益放大器,启
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
DC-WME-9210-LX DC-WME-9210-NET |
Digi Connect ME 9210 Family
|
List of Unclassifed Man...
|