PART |
Description |
Maker |
MAX1908 MAX8765 |
(MAX1908 - MAX87xx) Low-Cost Multichemistry Battery Chargers
|
Maxim Integrated Products
|
SL1547003-A SL2210007-A SL2210007-B SL1250002-A SL |
BAT HOLDER,1-AA,WIRES BAT HOLDER,3-AA,WIRES BAT HOLDER,4-AA,WIRES BAT HOLDER,2-AA,WIRES,TABS W/MOUNTING TABS BAT HOLDER,2-D,SNAPS BAT HOLDER,2-C,WIRES BAT HOLDER,4-C,WIRES BAT HOLDER,4-D,WIRES 电路保护热敏电阻
|
Ametherm, Inc.
|
US4651S US4651SG-S08-R |
LOW COST POWER-SAVING MODE PWM CONTROLLER
|
Unisonic Technologies
|
MCIMX-LVDS1 MCIMX53-START MCIMX53SMD MCIMX28LCD |
Enabling 1080p HD and cost-saving integration in tablets and smart mobile devices
|
Freescale Semiconductor, Inc
|
PSP-1500-5 PSP-1500-24 PSP-1500-48 PSP-1500-12 |
TRANSDUCER,MAG, LO PRO,1.5VPP, 30mA,2048HZ,75DB,16ohms CONN,DSUB,ST,15S-F,SOLDERTAIL, PC MOUNT 1500W的单输出带PFC功能 1500W Single Output with PFC Function 1500W的单输出带PFC功能 BAT,4-PK,D,NICAD,5000MAH,4.8V, RECHRG,SOLDER TAB,FIG 3 1500W的单输出带PFC功能 BAT,3-PK,D,NICAD,5000MAH,3.6V, RECHRG,6" LEADS,FIG 2 1500W的单输出带PFC功能
|
Astrodyne, Inc.
|
MAX8713 MAX8713ETG |
Simplified Multichemistry SMBus Battery Charger
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
2320306 |
UPS-BAT/VRLA/ 24DC/ 3.4AH
|
PHOENIX CONTACT
|
5962-8751503JX 5962-8751502JX 5962-8751504JX 5962- |
Evaluation Kit for the MAX8716 Dynamically Adjustable 6-Bit VID Step-Down Controller Low-Cost, Linear-Regulator LCD Panel Power Supplies Evaluation Kit for the MAX8717 Simplified Multichemistry SMBus Battery Charger Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers High-Voltage, Low-Power Linear Regulators for Notebook Computers Evaluation Kit for the MAX8713 x8 EPROM x8存储
|
API Delevan
|
MAX1909ETI-T |
Multichemistry Battery Chargers with Automatic System Power Selector
|
MAXIM INTEGRATED PRODUCTS INC
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
19221-0318 |
BAT.TERM.HEAVY WALL LEAD PLT (192210318 COPPER ALLOY, LEAD FINISH, WIRE TERMINAL
|
Molex, Inc.
|
|