PART |
Description |
Maker |
MP1527DR EV0034 |
2A, 1.3MHz Step-Up Converter
|
MPS[Monolithic Power Systems]
|
MP2207 |
1.3MHz Synchronous Step-Down Converter
|
MPS
|
LT3460ES5 LT3460ESC6 LT3460 |
1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
|
Linear Technology Corporation LINER[Linear Technology]
|
BD90541MUV-C BD90541MUV-CE2 |
2.6V to 5.5V, 2A, 0.3MHz to 2.4MHz Synchronous Step-Down Converter
|
ROHM
|
BD90521MUV-C BD90521MUV-CE2 |
2.6V to 5.5V, 2A, 0.3MHz to 2.4MHz Synchronous Step-Down Converter
|
ROHM
|
AAT1149 |
3MHz Fast Transient 400mA Step-Down Converter
|
Advanced Analog Technology,lnc.
|
FAN5350UCX FAN5350 FAN5350MPX |
3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
|
FAIRCHILD[Fairchild Semiconductor]
|
FAN5350UCX FAN535008 |
3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
|
Fairchild Semiconductor
|
SC4503TSKTRT SC4503EVB SC4503 |
1.3MHz Step-Up Switching Regulator with 1.4A Switch
|
Semtech Corporation
|
LTC3240 LTC3240EDC-2.5 LTC3240EDC-3.3 LTC3240EDC-2 |
3.3V/2.5V Step-Up/Step-Down Charge Pump DC/DC Converter; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.45 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
|
Linear Technology, Corp.
|
MP1541_06 MP1541 MP1541DJ |
1.3MHz Boost Converter
|
MPS[Monolithic Power Systems]
|
NCP6334B-V3 |
3MHz, 2A Synchronous Buck Converter
|
ON Semiconductor
|