PART |
Description |
Maker |
Q6006LH456 |
6 Amp bi-directional solid state switch series is designed for AC switching
|
Littelfuse
|
QXX25LH5 QXX25LH5TP QXX25RH5 QXX25RH5TP QXX25NH6RP |
25 Amp bi-directional solid state switch series is designed for AC switching
|
Littelfuse
|
HM11-52004 HM11-21001 HM11-21302 HM11-21503 HM11-2 |
LEAD FREE A8904SLB-T WITH TAPE & REEL Vertical Mount Inductors BACKLIGHT DRIVER FOR MEDIUM SIZE LCDS 50 AMP BI-DIRECTIONAL CURRENT SENSOR 75 AMP BI-DIRECTIONAL CURRENT SENSOR 100 AMP BI-DIRECTIONAL CURRENT SENSOR 30A BI-DIRECTIONAL CURRENT SENSOR Hall Effect IC; Package/Case:module-5; Current Rating:-50A to ; Leaded Process Compatible:Yes; Operating Temp. Min:-20 C; Peak Reflow Compatible (260 C):Yes; Primary Sensed Current :50A; Primary Sensed Current -:50A RoHS Compliant: Yes LEAD FREE A8904SLP-T WITH TAPE & REEL 20A BI-DIRECTIONAL CURRENT SENSOR 垂直安装电感
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
Q4004D3RP LXX04D6 LXX04D3 LXX04L5 LXX04R5 LXX04D5 |
Lxx04xx Qxx04xx Series 4 Amp bi-directional solid state switch series is designed for AC switching
|
Littelfuse
|
CP0603B1880BWTR CP0603B1880AWTR CP0603A2442DWTR CP |
DIR-COUPLER 18.5DB 1850-1910MHZ THIN-FILM SMD-0603 LGA-SN100 T&R 1850 MHz - 1910 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.25 dB INSERTION LOSS-MAX DIR-COUPLER 17.5DB 1850-1910MHZ THIN-FILM SMD-0603 LGA-SN100 T&R 1850 MHz - 1910 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.3 dB INSERTION LOSS-MAX DIR-COUPLER 6.5DB 2400-2484MHZ THIN-FILM SMD-0603 LGA-SN100 T&R 2400 MHz - 2484 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX DIR-COUPLER 10.5DB 1429-4953MHZ THIN-FILM SMD-0603 LGA-SN100 T&R 1429 MHz - 1453 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.7 dB INSERTION LOSS-MAX 869 MHz - 894 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.25 dB INSERTION LOSS-MAX 1429 MHz - 1453 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.25 dB INSERTION LOSS-MAX
|
AVX, Corp. AVX CORP
|
PCS4 |
2 Amp Solid State Relay
|
Picker Components
|
SGC-4F24D1M SGC-4F24D1T SGC-4F12D1M SGC-4F12D1T SG |
SOLID STATE RELAY 2 AMP 250 VAC
|
American Zettler, Inc.
|
RPC1215 RPC2415 RPC4840 RPC1225 RPC1240 RPC2425 RP |
Solid State Proportional Controller 15-40 Amp, 120/240/480 Vac Output
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|
UUD1H470MCL1GS UUD1V4R7MCL1GS UUD1C270MCL1GS |
Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 47uF; Voltage: 50V; Case Size: 6.3x7.7 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 47 uF, SURFACE MOUNT Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 4.7uF; Voltage: 35V; Case Size: 4x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 4.7 uF, SURFACE MOUNT Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 27uF; Voltage: 16V; Case Size: 5x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
DBTC-12-4 DBTC-12-4L DBTC-12-44L |
Surface Mount Directional Couplers 50蟹 5 to 1000 MHz Surface Mount Directional Couplers 50з 5 to 1000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.6 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 50 5 to 1000 MHz Surface Mount Directional Couplers 50?/a> 5 to 1000 MHz
|
Mini-Circuits
|
UWJ1C330MCL1GB UWJ1C100MCL1GB UWJ0J330MCL1GB UWJ1C |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 33 uF, SURFACE MOUNT 5.5 mmL CHIP, ROHS COMPLIANT Aluminum Electrolytic SMT High Temp Reflow Capacitor; Capacitance: 10uF; Voltage: 16V; Case Size: 4x5.4 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 10 uF, SURFACE MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 33 uF, SURFACE MOUNT 5.5 mmL CHIP, ROHS COMPLIANT Aluminum Electrolytic SMT High Temp Reflow Capacitor; Capacitance: 47uF; Voltage: 16V; Case Size: 6.3x5.4 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 47 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
|