PART |
Description |
Maker |
HMMC-5033 |
HMMC-5033 · 17.7-32 GHz Power Amplifier
|
Agilent (Hewlett-Packard)
|
HMMC-5034 |
37-43 GHz放大 HMMC-5034 · 37-43 GHz Amplifier
|
Agilent (Hewlett-Packard)
|
HMMC-1015 |
HMMC-1015 · DC-50 GHz Variable Attenuator (Higher P-1dB)
|
Agilent (Hewlett-Packard)
|
HMMC-3028 |
芯片0.5 - 12GHz高效率GaAs HBT的预分频 HMMC-3028 · Chip 0.5-12GHz high efficiency GaAs HBT prescalers
|
Agilent (Hewlett-Packard)
|
HSDL-S102 HSDL-S100 HSDL-S101 HSDL-S103 |
HSDL-S102 · IrCOMM HSDL-S100 · IrDA Protocol Stack HSDL-S101 · IrOBEX HSDL-S103 · IrTranP
|
Agilent (Hewlett-Packard)
|
MGA-52543-BLK MGA-52543-BLKG MGA-52543-TR1 MGA-525 |
DEMO-MGA-5X · Demonstration circuit board for MGA-52543 and MGA-53543 (2 GHz) MGA-52543 · 5V LNA, 32dBm OIP3, 0.4-6GHz, SOT343(SC-70) Low Noise Amplifier
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
MCP201T-E/SN MCP201-I/SN MCP201T-I/SN MCP201-E/P M |
·Conforming LIN bus transceiver (Rev 1.2 ·Supports baud rates up to 20kbaud ·Wide supply voltage range: 6V to 18V ...
|
Microchip
|
HEDL-550 HEDL-5500-A02 HEDL-5500-A06 HEDL-5500-E06 |
Encoder Line Drivers 编码器线驱动 Quad PCI Express, Hot-Plug Controllers Triple PCI Express, Hot-Plug Controllers 240 x 64 pixel format, CFL, LED, or EL Backlight available HEDL-5500#A02 · Encoder Line Drivers HEDL-5505#A06 · Encoder Line Drivers HEDL-5540#A01 · Encoder Line Drivers HEDL-9000#U00 · Encoder Line Drivers HEDL-9040#B00 · Encoder Line Drivers HEDL-9100#A00 · Encoder Line Drivers HEDL-9140#A00 · Encoder Line Drivers HEDL-5600#A06 · Encoder Line Drivers HEDL-5605#A06 · Encoder Line Drivers HEDL-5640#A06 · Encoder Line Drivers HEDL-5645#A06 · Encoder Line Drivers HEDL-5560#B02 · Encoder Line Drivers
|
DLP Design, Inc. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HLMP-1550 HLMP-1550-1.00000 HLMP-1550-1.00001 HLMP |
Half pitch interface connectors (HRS unique); HRS No: 230-1022-7 50; Connector Type: Cable; Contact Mating Area Plating: Gold Low Profile T-1 (3 mm) LED Lamps HLMP-1350-C0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1350-C0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-BC000 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0000 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-A0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-A0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1350 · Low Profile T-1 (3 mm) LED Lamp
|
发光二极 Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
AMMC-5040 |
AMMC-5040 · 20-40 GHz GaAs Amplifier
|
Agilent (Hewlett-Packard)
|
HDSP-076 HDSP-0760 HDSP-0761 HDSP-0762 HDSP-0773 H |
Hexadecimal and Numeric Displays for Industrial Applications 十六进制数字显示和工业应 16-Bit Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 48; Container: Rail 16-Bit Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 48; Container: Tape & Reel HDSP-0961 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0761 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0762 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0772 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0760 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0770 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0771 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0763 · Numeric DIsplays for Industrial Applications HDSP-0960 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0962 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0963 · Numeric DIsplays for Industrial Applications HDSP-0860 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0861 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0862 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0863 · Numeric DIsplays for Industrial Applications
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|