PART |
Description |
Maker |
EMI271T-RC EMI103T-RC EMI220T-RC EMI222T-RC EMI101 |
FILTER EMI 270PF 200-300MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 10000PF 15-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 22PF 800MHZ 5A 50VDC 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 2200PF 45-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER EMI T Network Filters Taped packaged for automated insertion Rated current: 5 A
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
MX316LH MX316 MX316P MX316J |
SWITCHED CAPACITOR FILTER, LOWPASS, PQCC24 NMT Audio Filter Array Analog Filter 模拟滤波
|
CML MICROSYSTEMS PLC CMLMICRO[CML Microcircuits]
|
VSORC20AD VSORC-AD VTSRC20AD VSSRC20AD VTSRC-AD VS |
RC NETWORK, T-FILTER, 1W, 100ohm, 0.00022uF, SURFACE MOUNT, SSOP-20 RC NETWORK, T-FILTER, 1W, 39ohm, 0.000068uF, SURFACE MOUNT, SSOP-20 RC NETWORK, T-FILTER, 1W, 120ohm, 0.00025uF, SURFACE MOUNT, SSOP-20 25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks RC NETWORK, T-FILTER, 1W, 18ohm, 0.00015uF, SURFACE MOUNT, TSSOP-20 TSSOP, ROHS COMPLIANT RC NETWORK, T-FILTER, 1W, 18ohm, 0.00001uF, SURFACE MOUNT, SSOP-20 SSOP, ROHS COMPLIANT RC NETWORK, T-FILTER, 1.2W, 12ohm, 0.000015uF, SURFACE MOUNT, SOIC-20 RC NETWORK, T-FILTER, 1W, 12ohm, 0.00001uF, SURFACE MOUNT, SSOP-20 RC NETWORK, T-FILTER, 1.2W, 120ohm, 0.00025uF, SURFACE MOUNT, SOIC-20 RC NETWORK, T-FILTER, 1W, 33ohm, 0.000033uF, SURFACE MOUNT, SSOP-20
|
Vishay Siliconix Vishay Intertechnology, Inc. VISHAY THIN FILM
|
KF450BS KF450BV KF414BV KF422BV |
450MHz Band Pass SAW Filter(中心频率B>450MHz的带通声表面滤波 414MHz Band Pass SAW Filter(中心频率14MHz的带通声表面滤波 422MHz Band Pass SAW Filter(涓??棰??涓?22MHz??甫??0琛ㄩ?婊ゆ尝??
|
KEC Holdings
|
4400-040 4200-012 4400-005 |
EMI/RFI FILTER 1 FUNCTIONS, 50 V, 10 A, FEED THROUGH CAPACITOR EMI/RFI FILTER Bushing #4 1 FUNCTIONS, 200 V, 3 A, DATA LINE FILTER
|
TUSONIX, Inc. TUSONIX INC
|
664D |
The 664D filter is a 3 phase (Delta) filter. This series is designed to be used with military system
|
JMK Inc.
|
STF203-22.TC STF203-33.TC STF203-15.TC STF203-22.T |
USB Upstream Port Filter and TVS 1 FUNCTIONS, 5.25 V, DATA LINE FILTER
|
Semtech Corporation
|
B7820 B39941-B7820-C710 |
1 FUNCTIONS, 942.5 MHz, SAW FILTER Low-Loss Filter for Mobile Communication
|
EPCOS AG ETC[ETC] List of Unclassifed Manufacturers
|
B39212-B1668-U510 |
SAW RF low loss filter Satellite CSS 1 FUNCTIONS, 2040 MHz, SAW FILTER
|
EPCOS EPCOS AG
|
HSP48901 HSP48901GC-20 HSP48901GC-30 HSP48901JC-20 |
3 x 3 Image Filter 8-BIT, DSP-DIGITAL FILTER, CPGA68 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
B39431B3710U410 B37101 B39431-B3710-U410 |
SAW filter Short range devices 1 FUNCTIONS, 433.92 MHz, SAW FILTER
|
EPCOS AG
|
GH580 GH580-CHIP |
CONTINUOUS TIME FILTER, UUC7 Adjustable Analog Highpass Filter
|
ETC[ETC] Gennum Corporation
|
|