PART |
Description |
Maker |
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
AZ100LVEL33NG AZ10/100LVEL33L |
ECL/PECL ±4 Divider ECL / PECL的4分频
|
Arizona Microtek, Inc.
|
AZ100LVE111FN |
ECL/PECL 1:9 Differential Clock Driver ECL / PECL:9差分时钟驱动
|
Arizona Microtek, Inc.
|
AZ100LVEL32NG |
PECL/ECL 2 Divider
|
Arizona Microtek, Inc
|
AZ10EL89DR2 AZ10EL89 AZ10EL89D AZ10EL89DR1 |
From old datasheet system ECL/PECL Coaxial Cable Driver ECL / PECL的同轴电缆驱动器
|
Arizona Microtek List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
AZ10EL07D AZ100EL07D |
ECL/PECL 2-Input XOR/XNOR ECL / PECL输入异或/异或
|
Arizona Microtek, Inc.
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
P6SMBJ8.0 P6SMBJ8.0A P6SMBJ8.0C P6SMBJ6.0 P6SMBJ6. |
3.3V ECL 4-Input OR/NOR; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 5V ECL Quint 2-Input XOR/XNOR Gate; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 Quad 4-Input OR/NOR Gate; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 5V ECL 1:9 Differential PECL/NECL RAMBus Clock Buffer; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 3.3V ECL Differential Clock D Flip-Flop; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5V ECL 2-Input Differential AND/NAND; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 5V ECL 2-Input XOR/XNOR; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 3.3V ECL Differential Clock D Flip-Flop; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 NECL OUTPUT TRANSLATOR; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 3.3V ECL ÷2 Divider; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 5V ECL Divide by 2 Divider; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 5V ECL Divide by 2 Divider; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 3.3V ECL 1:5 Clock Distribution Chip; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 3.3V / 5V ECL Dual Differential 2:1 Multiplexer; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 3.3V ECL Triple D-Type Flip-Flop with Set and Reset; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 3.3V Dual Differential LVPECL to LVTTL Translator; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 表面贴装瞬态电压抑制器 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器 ECL/TTL Clock Driver; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 表面贴装瞬态电压抑制器 BBG ECL COUNTER 6BIT; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 表面贴装瞬态电压抑制器 2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver; Package: 32 LEAD LQFP 7x7, 0.8P; No of Pins: 32; Container: Tray; Qty per Container: 250 2.5V / 3.3V ECL ÷2, ÷4, ÷8 Clock Generation Chip; Package: SOIC 16 LEAD; No of Pins: 16; Container: Rail; Qty per Container: 48 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
http:// TRSYS Transys Electronics Ltd. Transys Electronics, Ltd.
|
SY100EL90V SY100EL90VZC SY100EL90VZCTR SY100EL90VZ |
TRIPLE ECL TO PECL TRANSLATOR, COMPLEMENTARY OUTPUT, PDSO20 5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
|
MICREL INC Micrel Semiconductor
|