PART |
Description |
Maker |
ATS625LSG-T ATS625LSGTN |
True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor ATS625LSG True Zero-Speed, Low-Jitter, High-Accuracy Gear-Tooth Sensor
|
Allegro MicroSystems, Inc.
|
MAX9153 MAX9153EUI MAX9154EUI MAX9154 |
Low-Jitter.800Mbps.10-Port LVDS Repeaters with 100<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9 Drive Low-Jitter, 800Mbps, 10-Port LVDS Repeaters with 100 зDrive Low-Jitter 800Mbps 10-Port LVDS Repeaters with 100 Drive " Low-Jitter, 800Mbps, 10-Port LVDS Repeaters with 100|? Drive" Low-Jitter, 800Mbps, 10-Port LVDS Repeaters with 100 Drive Low-Jitter / 800Mbps / 10-Port LVDS Repeaters with 100 Drive
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3222 MAX3222CAP MAX3222CPN MAX3222CUP MAX3222CW |
3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1F External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors 3.0V to 5.5V Low-Power up to 1Mbps True RS-232 Transceivers Using Four 0.1F External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1レF External Capacitors 3.0V to 5.5V / Low-Power / up to 1Mbps / True RS-232 Transceivers Using Four 0.1F External Capacitors DUAL LINE TRANSCEIVER, PDSO20
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
783R3Q10-50A 727P1Q10-20K 719R1Q2-1A 720R1Q2-20K 7 |
High-Efficiency LCD Boost with True Shutdown Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 3.3V/5V or Adjustable Output, Step-Up DC-DC Converters SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators High-Speed, Low-Power Voltage Comparators 模拟IC Analog IC 模拟IC Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs 模拟IC Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 模拟IC
|
3M Company TE Connectivity, Ltd. Pletronics HIROSE ELECTRIC Co., Ltd.
|
FNEPON125 |
3.3V CMOS Low-Jitter 125MHz EPON XO 3.3V CMOS Low-Jitter 125MHz EPON XO
|
Pericom Semiconductor Corporation
|
871002AGI-02T 871002AGI-02LFT |
871002 SERIES, PLL BASED CLOCK DRIVER, 2 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO20 Differential-to-0.7V HCSL Differential PCI EXPRESS Jitter Attenuator
|
INTEGRATED DEVICE TECHNOLOGY INC
|
SY89112U SY89112U11 SY89112UMYTR |
2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX
|
Micrel Semiconductor
|
MAX9180EXT-T MAX9180 |
400Mbps, Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
|
MAXIM[Maxim Integrated Products]
|
SI5315B-C-GM SI5315A-C-GM |
SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER Provides jitter attenuation and frequency translation between SONET/PDH and Ethemet
|
Silicon Laboratories
|
TND301 MC100LVEP34 MC100EP016 MC100EP139 MC100EP16 |
Clock Management Design Using Low Skew and Low Jitter Devices
|
ONSEMI[ON Semiconductor]
|
AD636J AD636JD AD636JH AD636 AD636K AD636KD AD636K |
DIODE SCHOTTKY SINGLE 50V 333mW 0.41V-vf 15mA-IFM 1mA-IF 0.2uA-IR SOD-123 3K/REEL RMS TO DC CONVERTER, 0.1 MHz, CDIP14 Low Level/ True RMS-to-DC Converter Low Level, True RMS-to-DC Converter
|
Analog Devices, Inc. AD[Analog Devices] http://
|
P01-150NS-201W P01-150NS-301W P01-120NS-501W P01-1 |
PASSIVE DELAY LINE, TRUE OUTPUT, PDIP14 LOW PROFILE, PLASTIC, DIP-14 PASSIVE DELAY LINE, TRUE OUTPUT, PDSO4 LOW PROFILE, PLASTIC, SMT-4 PASSIVE DELAY LINE, TRUE OUTPUT, PDIP4 PASSIVE DELAY LINE, TRUE OUTPUT, SIP3
|
RCD Components, Inc. RCD COMPONENTS INC
|