PART |
Description |
Maker |
FEC40-24D3305 FEC40-24T0512 FEC40-24T3312 FEC40-24 |
Input range:18-36 VDC;output voltage:3.3/5 VDC; output current:4/4 A mA;input current:1729 mA; 40 W DC-DC converter Input range:18-36VDC;output voltage:5/ /-12 VDC; output current:6000/ /400 mA mA;input current:1989 mA; 40 W DC-DC converter Input range:18-36 VDC;output voltage:3.3/ /-12 VDC; output current:6000/ /400 mA mA;input current:1512 mA; 40 W DC-DC converter Input range:18-36 VDC;output voltage:5/ /-15 VDC; output current:6000/ /300 mA mA;input current:1958 mA; 40 W DC-DC converter
|
Power Mate Technology
|
MAX8545EUB MAX8548 MAX8548EUB MAX8545 MAX8546 MAX8 |
Low-Cost Wide Input Range Step-Down Controllers with Foldback Current Limit Low-Cost / Wide Input Range / Step-Down Controllers with Foldback Current Limit Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit Low-Cost. Wide Input Range. Step-Down Controllers with Foldback Current Limit Dual J-K Negative-Edge-Triggered Flip-Flops With Clear And Preset 16-CFP -55 to 125 SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO10
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
BD9302FP-E |
A wide input voltage range of 6 V to 18 V, Easy switching frequency setting in the range of 200 k to 2.5 MHz.
|
Rohm
|
AM26LS32DCB AM26LS32JCTR AM26LS32/BEA AM26LS33/B2C |
Micropower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Wide Input Range, High Efficiency, Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise, Rail-to-Rail Precision Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Positive High Voltage Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Line Receiver 线路接收
|
接收 Advanced Micro Devices, Inc.
|
BSP78 |
RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 10 Watts Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal shutdown with auto restart) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LTC2348ILX-16PBF |
Octal, 16-Bit, 200ksps Differential ±10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2348-18-15 |
Octal, 18-Bit, 200ksps Differential 10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
LXR1240-6M1 LXR1701-6 LXR1740-6M1 LXN1240-6M1 LXR- |
460 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(16.9A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(12.6A) AC/DC converter 460 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(8.4A) AC/DC converter 375 and 500 Watt AC-DC Converters 37500瓦AC - DC转换 375 Watt, input voltage range:85-264/90-350V, output voltage 49.4V,(7.5A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(6.3A) AC/DC converter
|
Vishay Intertechnology, Inc. POWER-ONE[Power-One] http://
|
TXS100ZA TXS100ZB TXS100ZY TXS75ZA TXS75ZB TXS75ZY |
Input voltage range 36ˇ75V DC Single 80ˇ100A output 1500V DC I/O electrical strength test voltage 输入电压范围3675V直流1500V的单80100A直流输出的I / O电气强度试验电压 Input voltage range 365V DC Single 8000A output 1500V DC I/O electrical strength test voltage Input voltage range 36?5V DC Single 80?00A output 1500V DC I/O electrical strength test voltage
|
Power-One
|
ADDAC71H-COB-V ADDAC71H-COB-I ADDAC71H-CSB-V ADDAC |
500kHz High Efficiency 6A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 16-Bit Digital-to-Analog Converter 16位数字到模拟转换
|
ATM Electronic, Corp. Carlo Gavazzi Bourns, Inc.
|
OET020YEHH OET020YEHH-A OET020YEJJ-A OET020ZEHH-A |
25 Watt, input voltage range:18-36V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-12V (3.5-0.35A) DC/DC converter TRIPLE OUTPUT 25 WATT T1/E1 Transformer Analog IC TRIPLE OUTPUT, 25 WATT 三路输出25瓦特
|
POWER-ONE[Power-One] EPCOS AG
|